| Zakładka z wyszukiwarką danych komponentów |
|
MDEV-FFF-ES Arkusz danych(PDF) 3 Page - Linx Technologies |
|
|
|||||||||||||||||||||||||||||
MDEV-FFF-ES Arkusz danych(HTML) 3 Page - Linx Technologies |
|
3 / 11 page ![]() – – 1 ES Series Master Development System User's Guide Figure 1: ES Series Master Development System Revised 3/18/2015 Introduction The Linx ES Series RF modules offer a simple, efficient and cost-effective method of adding wireless communication capabilities to any product. The Master Development System gives a designer all the tools necessary to correctly and legally incorporate the ES Series into an end product. The development boards serve several important functions: • Rapid Module Evaluation: The boards allow the performance of the ES Series modules to be quickly evaluated in a user’s environment. • Range Testing: Using the on-board encoders and decoders to generate a simplex transmission, a pair of development boards can be used to evaluate the range performance of the modules. • Design Benchmark: The boards provide a known benchmark against which the performance of a custom design may be judged. • Application Development: An onboard prototyping area allows for the development of custom circuits directly on the development board. All signal lines are available on a header for easy access. • Protocol Development - The development system features a USB or RS-232 interface board, which allows a designer to connect the development board to a PC. Windows-based demonstration software is also included, which allows for a variety of tests. |