Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TXC101 Arkusz danych(PDF) 4 Page - RF Monolithics, Inc

Numer części TXC101
Szczegółowy opis  Multi-channel High data rate Programmable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RFM [RF Monolithics, Inc]
Strona internetowa  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

TXC101 Arkusz danych(HTML) 4 Page - RF Monolithics, Inc

  TXC101 Datasheet HTML 1Page - RF Monolithics, Inc TXC101 Datasheet HTML 2Page - RF Monolithics, Inc TXC101 Datasheet HTML 3Page - RF Monolithics, Inc TXC101 Datasheet HTML 4Page - RF Monolithics, Inc TXC101 Datasheet HTML 5Page - RF Monolithics, Inc TXC101 Datasheet HTML 6Page - RF Monolithics, Inc TXC101 Datasheet HTML 7Page - RF Monolithics, Inc TXC101 Datasheet HTML 8Page - RF Monolithics, Inc TXC101 Datasheet HTML 9Page - RF Monolithics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
EEPROM Mode
Pin
Name
Description
1
SDI
SPI Data In
2
SCK
SPI Data Clock
3
nCS
Chip Select Input -
Selects the chip for an SPI data transaction. The pin must be pulled
‘low’ for a 16-bit read or write function. See Figure 4 for timing specifications.
4
SW1
Switch
or Push Button Input 1 with Internal pull-up resistor
5
SW2
Switch
or Push Button Input 2 with Internal pull-up resistor
6
SW3
Switch
or Push Button Input 3 with Internal pull-up resistor
7
SW4
Switch
or Push Button Input 4 with Internal pull-up resistor
8
SDO
SPI Data Out
9
Xtal/Ref
Xtal
- Connects to a 10MHz series crystal or an external oscillator reference. The circuit
contains an integrated load capacitor (See Configuration Register) in order to minimize
the external component count. The crystal is used as the reference for the PLL, which
generates the local oscillator frequency. The accuracy requirements for production
tolerance, temperature drift and aging can be determined from the maximum allowable
local oscillator frequency error. Whenever a low frequency error is essential for the
application, it is possible to “pull” the crystal to the accurate frequency by changing the
load capacitor value.
Ext Ref
– An external reference, such as an oscillator, may be connected as a reference
source. Connect through a .01uF capacitor.
10
GND
System Ground
11
MODE
Mode Select –
Connect to GND for EEPROM Mode.
12
RF_P
RF Diff I/O
13
RF_N
RF Diff I/O
14
nBD
Low Battery Detect
– When the battery voltage falls below the programmed level this
output goes “low”. The voltage level is programmable through the Battery Detect
Threshold Register
.
15
VDD
Supply Voltage
16
NC
Not used
. Tie to VDD or GND
1.2 EEPROM Mode Pin Configuration
SDI
SCK
nCS
SW1
SW2
SW3
SW4
SDO
NC
nBD
VDD
RF_N
RF_P
GND
MODE
Xtal/Ref
TOP VIEW
TXC101
2
3
4
5
6
7
89
10
11
12
13
14
15
16
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com