| Zakładka z wyszukiwarką danych komponentów |
|
STM32MP157D Arkusz danych(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32MP157D Arkusz danych(HTML) 17 Page - STMicroelectronics |
|
17 / 261 page ![]() DS12504 Rev 6 17/261 STM32MP157A/D Description 58 Advanced 16 bits 2 General purpose 16 bits 8 32 bits 2 Basic 16 bits 2 Low power 16 bits 5 A7 timers 64 bits 2 × 4 (secure, non-secure, virtual, hypervisor) M4 SysTick 24 bits 1 RTC/AWU 1 (securable) Watchdog 3 (independent, independent secure, window) - SPI 6 (1 securable) - Having I2S 3 I2C (with SMB/PMB support) 6 (2 securable) - USART (smartcard, SPI, IrDA, LIN) + UART (IrDA, LIN) 4 + 4 (including 1 securable USART) some can be a boot source Boot SAI 4 (up to 8 audio channels), with I2S master/slave, PCM input, SPDIF-TX - USB EHCI/OHCI Host 2 ports - Embedded HS PHY with BCD - OTG HS/FS (dual role port) Yes, embedded FS or HS PHY with BCD, can be a boot source Boot Embedded PHYs 3 (2 × high-speed + 1 × full-speed) - SPDIF-RX 4 inputs - FDCAN 2 (1 × TTCAN), clock calibration, 10 Kbyte shared buffer - HDMI-CEC 1 - Including the following securable 1 × USART, 1 × SPI, 2 × I2C 1 × USART, 1 × SPI, 2 × I2C on securable GPIOs - SDMMC (SD, SDIO, e•MMC) 3 (8 + 8 + 4 bits), e•MMC or SD can be a boot source Boot QuadSPI Yes (dual-quad), can be a boot source Boot Table 1. STM32MP157A/D features and peripheral counts (continued) Features TFBGA257 LFBGA354 TFBGA361 LFBGA448 |