| Zakładka z wyszukiwarką danych komponentów |
|
UM2461 Arkusz danych(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM2461 Arkusz danych(HTML) 13 Page - STMicroelectronics |
|
13 / 24 page ![]() UM2461 Rev 2 13/24 UM2461 Hardware overview 22 Figure 11. Reset circuit 2.6 User LEDs, User Button In the SPC584B-DIS board three LEDs are available for user purposes; see Figure 12. The jumpers SB18, SB19 and SB20 allow disconnecting the anode of each LED and then let the user to reserve these pins for a different purpose. Figure 12. User LEDs The pushbutton SW2 is reserved for user purpose (see Figure 13). If the jumper SB21 is left open, PF2 port is available for a different purpose. Table 4. Reset circuit - jumpers configuration SB15 SB16 Internal reset circuit Close Close External reset circuit Open Close |