| Zakładka z wyszukiwarką danych komponentów |
|
STM8AF6213 Arkusz danych(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF6213 Arkusz danych(HTML) 30 Page - STMicroelectronics |
|
30 / 112 page ![]() Pinout and pin description STM8AF6213/13A/23/23A/26 30/112 DS9884 Rev 9 17 PE5/ SPI_NSS [TIM1_CH1N] I/O X X X HS O3 X X Port E5 SPI master/ slave select Timer 1 - inverted channel 1 [AFR1:0] 18 PC1/ TIM1_CH1/ LINUART_CK [TIM1_CH2N] I/O X X X HS O3 X X Port C1 Timer 1 - channel 1 LINUART clock Timer 1 - inverted channel 2 [AFR1:0] 19 PC2/ TIM1_CH2 [TIM1_CH3N] I/O X X X HS O3 X X Port C2 Timer 1 - channel 2 Timer 1 - inverted channel 3 [AFR1:0] 20 PC3/ TIM1_CH3/[TLI] [TIM1_CH1N] I/O X X X HS O3 X X Port C3 Timer 1 - channel 3 Top level interrupt [AFR3] Timer 1 inverted channel 1 [AFR7] 21 PC4/ TIM1_CH4/ CLK_CCO/[AIN 2][TIM1_CH2N] I/O X X X HS O3 X X Port C4 Timer 1 - channel 4 /configurable clock output Analog input 2 [AFR2]Timer 1 inverted channel 2 [AFR7] 22 PC5/SPI_SCK [TIM5_CH1] I/O X X X HS O3 X X Port C5 SPI clock Timer 5 channel 1 [AFR0] 23 PC6/ SPI_MOSI [TIM1_CH1] I/O X X X HS O3 X X Port C6 PI master out/slave in Timer 1 channel 1 [AFR0] 24 PC7/ SPI_MISO [TIM1_CH2] I/O X X X HS O3 X X Port C7 SPI master in/ slave out Timer 1 channel 2[AFR0] 25 PD0/ TIM1_BKIN [CLK_CCO] I/O X X X HS O3 X X Port D0 Timer 1 - break input Configurable clock output [AFR5] 26 PD1/ SWIM(4) I/O X X X HS O4 X X Port D1 SWIM data interface - Table 8. STM8AF6226 LQFP32/VFQPN32 pin description (continued) Pin name Type Input Output Main function (after reset) Default alternate function Alternate function after remap [option bit] |