Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM8L051F3 Arkusz danych(PDF) 23 Page - STMicroelectronics

Numer części STM8L051F3
Szczegółowy opis  8-bit ultra-low-power MCU, 8-Kbyte Flash memory, 256-byte data EEPROM, RTC, timers, USART, I2C, SPI, ADC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L051F3 Arkusz danych(HTML) 23 Page - STMicroelectronics

Back Button STM8L051F3 Datasheet HTML 19Page - STMicroelectronics STM8L051F3 Datasheet HTML 20Page - STMicroelectronics STM8L051F3 Datasheet HTML 21Page - STMicroelectronics STM8L051F3 Datasheet HTML 22Page - STMicroelectronics STM8L051F3 Datasheet HTML 23Page - STMicroelectronics STM8L051F3 Datasheet HTML 24Page - STMicroelectronics STM8L051F3 Datasheet HTML 25Page - STMicroelectronics STM8L051F3 Datasheet HTML 26Page - STMicroelectronics STM8L051F3 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 96 page
background image
DS9178 Rev 4
23/96
STM8L051F3
Pin description
41
4
Pin description
Figure 3. STM8L051F3 20-pin TSSOP20 package pinout
Table 3. Legend/abbreviation for Table 4
Type
I= input, O = output, S = power supply
Level
Output
HS = high sink/source (20 mA)
Input
FT - five volt tolerant
Port and control
configuration
Input
float = floating, wpu = weak pull-up
Output
T = true open drain, OD = open drain, PP = push pull
Reset state
Bold X (pin state after reset release).
Unless otherwise specified, the pin state is the same during the reset phase
(i.e. “under reset”) and after internal reset release (i.e. at reset state).
PA3
PA2
VSS/VSSA/VREF-
NRST / PA1
PC0
PC1
PB7
PB6
PB1
PB2
PB3
PB4
PB5
VDD/VDDA/VREF+
PC4
1
2
3
4
5
6
7
10
9
8
20
19
18
17
16
15
14
11
12
13
MS18280V1
PB0
PD0
PA0
PC6
PC5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96