| Zakładka z wyszukiwarką danych komponentów |
|
SPC58NH92C5 Arkusz danych(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC58NH92C5 Arkusz danych(HTML) 68 Page - STMicroelectronics |
|
68 / 147 page ![]() Electrical characteristics SPC58EHx, SPC58NHx 68/147 DS12304 Rev 5 Figure 11. Standby regulator with external ballast mode Table 31. External components integration Symbol C Parameter Conditions(1) Value Unit Min Typ Max Common Components CE SR D Internal voltage regulator stability external capacitance.(2) (3) —2 × 2.2 — µF RE SR D Stability capacitor equivalent serial resistance Total resistance including board track —— 50 m Ω CLVn SR D Internal voltage regulator decoupling external capacitance(2) (4) (5) Each VDD_LV/VSS pair — 47 — nF RLVn SR D Stability capacitor equivalent serial resistance —— — 50 m Ω CBV SR D Bulk capacitance for HV supply(2) on one VDD_HV_IO_MAIN/ VSS pair —4.7 — µF CHVn SR D Decoupling capacitance for ballast and IOs(2) on all VDD_HV_IO/VSS and VDD_HV_ADR/VSS pairs —100 — nF |