| Zakładka z wyszukiwarką danych komponentów |
|
ST25R95 Arkusz danych(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25R95 Arkusz danych(HTML) 18 Page - STMicroelectronics |
|
18 / 61 page ![]() Table 13. List of <Parameters> values for different protocols (card emulation) Protocol (Card) Code Parameters Examples of commands Comments Byte Bit Function ISO/IEC 14443 Type A (1) 0x12 0 7:6 Transmission data rate 00: 106 Kbps 01: RFU 10: RFU 11: RFU >>>0x02021208 <<<0x0000 Card emulation for ISO/IEC 14443 Type A, Data rate is 106 Kbps for both up- and down-links. 5:4 Reception data rate 00: 106 Kbps 01: RFU 10: RFU 11: RFU 3 0: Return an error, if no RF field 1: Wait for RF field 2 RFU 1 Clock source 0: HFO 1: Clock recovered from the field 0 RFU 1. Topaz is not supported in card emulation mode. ST25R95 Protocol select command (0x02) description DS12807 - Rev 4 page 18/61 |