Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32F302K6 Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części STM32F302K6
Szczegółowy opis  Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, USB, CAN, COMP, Op-Amp, 2.0 - 3.6 V
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F302K6 Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button STM32F302K6 Datasheet HTML 4Page - STMicroelectronics STM32F302K6 Datasheet HTML 5Page - STMicroelectronics STM32F302K6 Datasheet HTML 6Page - STMicroelectronics STM32F302K6 Datasheet HTML 7Page - STMicroelectronics STM32F302K6 Datasheet HTML 8Page - STMicroelectronics STM32F302K6 Datasheet HTML 9Page - STMicroelectronics STM32F302K6 Datasheet HTML 10Page - STMicroelectronics STM32F302K6 Datasheet HTML 11Page - STMicroelectronics STM32F302K6 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 139 page
background image
Introduction
STM32F302x6 STM32F302x8
8/139
DS9896 Rev 8
1
Introduction
This document applies to the STM32F302x6/8 advanced Arm®(a)-based 32-bit MCUs
microcontrollers.
This datasheet provides the ordering information and mechanical device characteristics of
the STM32F302x6/8 microcontrollers and should be read in conjunction with the
STM32F302xB/C/D/E and STM32F302x6/8 advanced Arm® -based 32-bit MCUs reference
manual (RM0365). The reference manual is available from the STMicroelectronics website
www.st.com.
For information on the Arm® Cortex®-M4 core, refer to the Cortex®-M4 Technical Reference
Manual, available from Arm website www.arm.com.
a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More