| Zakładka z wyszukiwarką danych komponentów |
|
STM32L010K4 Arkusz danych(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L010K4 Arkusz danych(HTML) 39 Page - STMicroelectronics |
|
39 / 91 page ![]() DS12323 Rev 3 39/91 STM32L010F4/K4 Electrical characteristics 81 Table 13. Current characteristics Symbol Ratings Max. Unit ΣIVDD(2) Total current into sum of all VDD power lines (source)(1) 105 mA ΣIVSS(2) Total current out of sum of all VSS ground lines (sink)(1) 105 ΣIVDDIO2 Total current into sum of all VDDIO2 power lines (source) 25 IVDD(PIN) Maximum current into each VDD power pin (source)(1) 100 IVSS(PIN) Maximum current out of each VSS ground pin (sink)(1) 100 IIO Output current sunk by any I/O and control pin 16 Output current sourced by any I/O and control pin -16 ΣIIO(PIN) Total output current sunk by sum of all I/Os and control pins(2) 90 Total output current sourced by sum of all I/Os and control pins(2) -90 IINJ(PIN) Injected current on FT, RST and B pins −5/+0(3) Injected current on TC pin ±5(4) ΣIINJ(PIN) Total injected current (sum of all I/O and control pins)(5) ±25 1. All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power supply, in the permitted range. 2. This current consumption must be correctly distributed over all I/Os and control pins. The total output current must not be sunk/sourced between two consecutive power supply pins referring to high pin count LQFP packages. 3. Positive current injection is not possible on these I/Os. A negative injection is induced by VIN < VSS. IINJ(PIN) must never be exceeded. Refer to Table 12 for maximum allowed input voltage values. 4. A positive injection is induced by VIN > VDD while a negative injection is induced by VIN < VSS. IINJ(PIN) must never be exceeded. Refer to Table 12 for the maximum allowed input voltage values. 5. When several inputs are submitted to a current injection, the maximum ΣIINJ(PIN) is the absolute sum of the positive and negative injected currents (instantaneous values). Table 14. Thermal characteristics Symbol Ratings Value Unit TSTG Storage temperature range –65 to +150 °C TJ Maximum junction temperature 150 °C |