Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MSMCS22 Arkusz danych(PDF) 6 Page - Schurter Inc.

Numer części MSMCS22
Szczegółowy opis  Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SCHURTER [Schurter Inc.]
Strona internetowa  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSMCS22 Arkusz danych(HTML) 6 Page - Schurter Inc.

  MSMCS22_V02 Datasheet HTML 1Page - Schurter Inc. MSMCS22_V02 Datasheet HTML 2Page - Schurter Inc. MSMCS22_V02 Datasheet HTML 3Page - Schurter Inc. MSMCS22_V02 Datasheet HTML 4Page - Schurter Inc. MSMCS22_V02 Datasheet HTML 5Page - Schurter Inc. MSMCS22_V02 Datasheet HTML 6Page - Schurter Inc. MSMCS22_V02 Datasheet HTML 7Page - Schurter Inc. MSMCS22_V02 Datasheet HTML 8Page - Schurter Inc. MSMCS22_V02 Datasheet HTML 9Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Metal Line Switches
MSM CS 22
https://www.schurter.com /PG70
Switches
Assembly Instructions
During assembly, the protruding bars of the holder should not be pressed together.
I Housing
II Flat Pin Terminal (Illumination)
III Gasket
IV Nut (Nut type see Dimensions)
V Module Switching Contact
Installation Instruction:
1.) Place the gasket accurately on the actuator housing. Then mount the actuator housing assembly into the panel.
2.) Tighten the screw nut according to the torque instructions.
3.) Clasp the module switching contact into the micro switch holder of the actuator housing.
Installation information:
1.) The power supply and the configuration of the flat pin terminals have to be installed correctly for the illumination and micro switch function.
2.) Insulate the terminals as required. Fully insulated plug-in sleeves are recommended.
3.) Installation instructions according to VDE-standard DIN VDE 0100-100 or alternatively IEC 60354 standard.
Diagrams
MSM CS ST / MSM CS LE
MSM CS BL Single color
MSM RI / 24 V RGB
B
G
R
terminal assignment with resistors for 24 VDC
terminal-
LED -pole
ground (GND)
terminal R
LED +pole
red LED
terminal G
LED +pole
green LED
terminal B
LED +pole
blue LED
COM
NO NC
Lighting type
Active
Active
Active
Resulting
terminal
terminal
terminal
Color
R)
G)
B)
Singlecolor
x
Red
Singlecolor
x
Green
Singlecolor
x
Blue
RGB Additive 2
x
x
Yellow
RGB Additive 2
x
x
Magenta
RGB Additive 2
x
x
Cyan
RGB Additive 3
x
x
x
White
Illumination options for RGB
Marking
The last three digits in the order number define the lettering:
000
No Lettering
001-074
Standard Lettering
101-
Customized Lettering



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com