| Zakładka z wyszukiwarką danych komponentów |
|
LM3205TLX Arkusz danych(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM3205TLX Arkusz danych(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 18 page ![]() Connection Diagrams 20158099 8–Bump Thin Micro SMD Package, Large Bump NS Package Number TLA08GNA 20158004 10–Pin LLP NS Package Number SDA10A Order Information microSMD Order Number Package Marking (Note) Supplied As LM3205TL XTS/32 250 units, Tape-and-Reel LM3205TLX XTS/32 3000 units, Tape-and-Reel Note: The actual physical placement of the package marking will vary from part to part. The package marking “X” designates the date code. “T” is a NSC internal code for die traceability. “S” designates the device type as switcher device. Both will vary considerably. “32” identifies the device (part number, option, etc.). LLP Order Number Package Marking (Note) Supplied As LM3205SD-2 XXXX 1000 units, Tape-and-Reel LM3205SDX-2 YYYY = 3205 4500 units, Tape-and-Reel Note: The actual physical placement of the package marking will vary from part to part. The package marking “XXXXX” is a code for die traceability. “YYYYY” identifies the device (part number, voltage option, etc.). Pin Descriptions Pin # Name Description microSMD LLP A1 8, 9 PV IN Power Supply Voltage Input to the internal PFET switch. B1 7 V DD Analog Supply Input. C1 6 EN Enable Input. Set this digital input high for normal operation. For shutdown, set low. C2 4 V CON Voltage Control Analog input. V CON controls VOUT in PWM mode. C3 5 FB Feedback Analog Input. Connect to the output at the output filter capacitor. www.national.com 2 |