Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX15095 Arkusz danych(PDF) 1 Page - Maxim Integrated Products

Numer części MAX15095
Szczegółowy opis  2.7V to 18V, 6.6A Integrated Hot-Swap/ Electronic Circuit Breaker
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15095 Arkusz danych(HTML) 1 Page - Maxim Integrated Products

  MAX15095 Datasheet HTML 1Page - Maxim Integrated Products MAX15095 Datasheet HTML 2Page - Maxim Integrated Products MAX15095 Datasheet HTML 3Page - Maxim Integrated Products MAX15095 Datasheet HTML 4Page - Maxim Integrated Products MAX15095 Datasheet HTML 5Page - Maxim Integrated Products MAX15095 Datasheet HTML 6Page - Maxim Integrated Products MAX15095 Datasheet HTML 7Page - Maxim Integrated Products MAX15095 Datasheet HTML 8Page - Maxim Integrated Products MAX15095 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX15095 family of devices is an integrated solution
for hot-swap applications requiring the safe insertion and
removal of circuit line cards from a live backplane. They
can also be used as electronics circuit breakers for hard
drives, solid-state drives, and fans. The devices integrate
a hot-swap controller (10.6mΩ typ) power MOSFET, and
an electronic circuit-breaker protection in a single pack-
age.
The devices are designed for protection of 2.7V to 18V
supply voltages. These devices implement a foldback
current limit during startup to control inrush current,
lowering di/dt and keeping the MOSFET operating
under safe operating area (SOA) conditions. After the
startup cycle is complete, on-chip comparators provide
VariableSpeed/BiLevel™ protection against short-circuit
and overcurrent faults, and immunity against system
noise and load transients. The load is disconnected in
the event of a fault condition. The devices are factory
calibrated to deliver accurate overcurrent protection with
±10% accuracy. During a fault condition, PG goes low and
the devices can latch off (MAX15095) or automatic retry
(MAX15095A); the output can also be discharged after a
fault event (MAX15095D).
The devices feature an IN-to-OUT short-circuit detection
before startup. The devices provide a power-MOSFET
GATE pin to program the slew rate during startup by
adding an external capacitor. The devices have an under-
voltage/overvoltage input pin (UVOV) that can detect an
undervoltage/overvoltage fault and disconnect the IN from
the OUT. Additional features include internal overtem-
perature protection and a power-good output (PG).
The devices are available in a 12-pin, 2.5mm x 2.5mm
FC2QFN package and are rated over a -40°C to +105°C
extended temperature range.
Benefits and Features
● Integration Reduces Solution Size for Blade Servers
and Other Space-Constrained Designs
• Integrated 10.6mΩ (typ) Internal Power MOSFET
• Programmable Overvoltage Protection and
Undervoltage-Lockout Threshold
• Drive-Present Signal Input (PRSNT pin)
• Thermal Protection
● Flexibility Enables Use in Many Unique Designs
• 2.7V to 18V Operating Voltage Range
• Programmable Inrush-Current Control under SOA
Operation
• Adjustable Circuit-Breaker Current/Current-Limit
Threshold
• Programmable Slew-Rate Control
• Variable-Speed Circuit-Breaker Response
• Latchoff (MAX15095) or Automatic Retry
(MAX15095A) Options
● Safety Features Ensure Accurate, Robust Protection
• 6.6A (max) Load-Current Capability
• ±10% Circuit-Breaker Threshold Accuracy
• IN-to-OUT Short-Circuit Detection
• Open-Drain PG Output
• Output Discharge after a Fault Event (MAX15095D Only)
• Programmable Additional Delay (2µs max) to
Fast-Comparator Response Time
• Enable Input (EN)
Applications
● Blade Servers
● Server I/O Cards
● RAID Systems
● Disk Drive Power
● Storage Applications
● Industrial Applications
Ordering Information appears at end of data sheet.
VariableSpeed/BiLevel is a trademark of Maxim Integrated
Products, Inc.
19-100266; Rev 4; 7/19
MAX15095/MAX15095A/
MAX15095D
2.7V to 18V, 6.6A Integrated Hot-Swap/
Electronic Circuit Breaker
Click
here for production status of specific part numbers.
EVALUATION KIT AVAILABLE


Podobny numer części - MAX15095

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX15095 MAXIM-MAX15095 Datasheet
899Kb / 8P
2.7V to 18V Operating Voltage Range
Rev 0; 3/18
MAX15095A MAXIM-MAX15095A Datasheet
899Kb / 8P
2.7V to 18V Operating Voltage Range
Rev 0; 3/18
MAX15095AEVKIT MAXIM-MAX15095AEVKIT Datasheet
899Kb / 8P
2.7V to 18V Operating Voltage Range
Rev 0; 3/18
MAX15095D MAXIM-MAX15095D Datasheet
899Kb / 8P
2.7V to 18V Operating Voltage Range
Rev 0; 3/18
More results

Podobny opis - MAX15095

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPS2320 TI-TPS2320 Datasheet
409Kb / 22P
DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER
logo
Linear Technology
LTC4217 LINER-LTC4217 Datasheet
185Kb / 18P
2A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219 Datasheet
203Kb / 16P
5A Integrated Hot Swap Controller
logo
Maxim Integrated Produc...
MAX5976A MAXIM-MAX5976A Datasheet
1Mb / 9P
2.7V to 18V, 7A, Hot-Swap Solution Power-Good and Fault Outputs
Rev 1; 4/11
MAX15090 MAXIM-MAX15090 Datasheet
1Mb / 15P
2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Rev 0; 9/12
MAX15090 MAXIM-MAX15090_13 Datasheet
1Mb / 15P
2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Rev 1; 12/12
logo
Texas Instruments
TPS2320IDRG4 TI-TPS2320IDRG4 Datasheet
503Kb / 26P
DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
logo
Maxim Integrated Produc...
MAX15096 MAXIM-MAX15096 Datasheet
678Kb / 15P
Integrated Hot-Swap/Electronic
Rev 0; 3/14
logo
Linear Technology
LTC4217 LINER-LTC4217_15 Datasheet
248Kb / 18P
2A Integrated Hot Swap Controller
logo
Maxim Integrated Produc...
MAX15091 MAXIM-MAX15091_V01 Datasheet
818Kb / 17P
2.7V to 18V, 9A, Integrated Hot-Swap Solution with Current Report Output
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com