Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2907704 Arkusz danych(PDF) 2 Page - PHOENIX CONTACT

Numer części 2907704
Szczegółowy opis  Loop-powered isolators - MACX MCR-SL-I-I-HV-ILP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHOENIX [PHOENIX CONTACT]
Strona internetowa  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2907704 Arkusz danych(HTML) 2 Page - PHOENIX CONTACT

  2907704 Datasheet HTML 1Page - PHOENIX CONTACT 2907704 Datasheet HTML 2Page - PHOENIX CONTACT 2907704 Datasheet HTML 3Page - PHOENIX CONTACT 2907704 Datasheet HTML 4Page - PHOENIX CONTACT 2907704 Datasheet HTML 5Page - PHOENIX CONTACT 2907704 Datasheet HTML 6Page - PHOENIX CONTACT 2907704 Datasheet HTML 7Page - PHOENIX CONTACT 2907704 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
https://www.phoenixcontact.com/pi/products/2907704
02/04/2022   Page 2 / 8
Loop-powered isolators - MACX MCR-SL-I-I-HV-ILP - 2907704
Technical data
Input data
Designation
Current input
Configurable/programmable
no
Max. voltage input signal
< 30.5 V
Current input signal
0 mA ... 20 mA
4 mA ... 20 mA
Input voltage limitation
30.5 V
Voltage dissipation
2.9 V (I = 20 mA)
Step response (10-90%)
5 ms (500 Ω load)
Additional error, load-dependent
0.022 % (of measured value / 100 Ω load)
Output data
Designation
Current output
Configurable/programmable
no
Max. voltage output signal
27.5 V
Current output signal
0 mA ... 20 mA
4 mA ... 20 mA
Transmission Behavior
1:1 to input signal
Load/output load current output
≤ 1375 Ω (I = 20 mA)
Residual ripple
< 10 mVrms (500 Ω load)
Power supply
Supply voltage range
no separate supply voltage necessary
Connection data
Connection method
Screw connection
Stripping length
7 mm
Conductor cross section solid
0.2 mm² ... 2.5 mm²
Conductor cross section flexible
0.2 mm² ... 2.5 mm²
Conductor cross section AWG
24 ... 14
Torque
0.5 Nm ... 0.6 Nm
Connection data 2
Connection name
Test socket
Max. diameter
2.3 mm
General
No. of channels
1
Transmission error, typical
0.08 % (of final value)
Maximum temperature coefficient
≤ 0.002 %/K (of measured value / 100 Ω load)
Degree of pollution
2
Overvoltage category
II
Electromagnetic compatibility
Conformance with EMC directive
Interference emission
EN 61000-6-4



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com