| Zakładka z wyszukiwarką danych komponentów |
|
PSEWITHCABLE Arkusz danych(PDF) 2 Page - Schurter Inc. |
|
|
|||||||||||||||||||||||||||||
PSEWITHCABLE Arkusz danych(HTML) 2 Page - Schurter Inc. |
|
2 / 4 page ![]() 2 Metal Line Switches PSE with cable https://www.schurter.com /PG70 Switches Application standards Application standards where the product can be used Organization Design Standard Description Designed for applications acc. EMC Directive: EMC directive 2014/30/EU Designed for applications acc. MIL-STD: 202F Method 107G, 202F Method 204D, 202F Method 213B, 416D Method RS103, 810E Method 501.3, 810E Method 502.3, 810E Method 507.3 Designed for applications acc. VDE Certificate Number: DIN EN 61000-4-2, DIN EN 61000-4-4, DIN EN 61000-4-5 Designed for applications acc. IEC/UL 62368-1 Audio/video, information and communication technology equipment - Part 1: Safety requirements Compliances The product complies with following Guide Lines Identification Details Initiator Description CE declaration of conformity SCHURTER AG The CE marking declares that the product complies with the applicable requirements laid down in the harmonisation of Community legislation on its affixing in accordance with EU Regulation 765/2008. UKCA declaration of conformity SCHURTER AG The UKCA marking declares that the product complies with the applicable requirements laid down in the British Amendment of Regulation (EC) 765/2008. RoHS SCHURTER AG Directive RoHS 2011/65/EU, Amendment (EU) 2015/863 REACH SCHURTER AG On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration, Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as "REACH") entered into force. Dimension [mm] PSE M22 25 1.2 28.8 15000 50 A PSE M30 33.75 1.2 32.4 15000 50 A |