| Zakładka z wyszukiwarką danych komponentów |
|
VB14N-300-R Arkusz danych(PDF) 1 Page - Pepperl+Fuchs Inc. |
|
|
|||||||||||||||||||||||||||||
VB14N-300-R Arkusz danych(HTML) 1 Page - Pepperl+Fuchs Inc. |
|
1 / 6 page ![]() Barcode scanner VB14N-300-R < Grid scanner < Simple operation via function keys: test mode, code teaching and code optimization < Code reconstructor < Connect up to 32 scanners < Sturdy aluminum housing < Two serial interfaces RS 232 / RS 485 < Engine control (On/Off) possible < Degree of protection IP65 Barcode scanner Function The VB14N-300-R is a grid scanner for 1-D barcodes. With its high-performance optics and code reconstruction, the scanner offers a high level of reliability in reading difficult-todetect 1-D barcodes. A function key and several LEDs on the barcode scanner provide support when parameterizing, teaching in barcodes, and testing. In live operation, the LEDs provide information about the relevant read status. A high-speed connection can be established between up to 32 devices. This connection enables data to be recorded in a quicker and more efficient manner, without the need for an additional external multiplexer. The corresponding PC software makes parameterization simple. 1 Germany: +49 621 776 1111 Pepperl+Fuchs Group Refer to "General Notes Relating to Pepperl+Fuchs Product Information". USA: +1 330 486 0001 Singapore: +65 6779 9091 www.pepperl-fuchs.com fa-info@us.pepperl-fuchs.com fa-info@sg.pepperl-fuchs.com fa-info@de.pepperl-fuchs.com |
Podobny numer części - VB14N-300-R |
|
Podobny opis - VB14N-300-R |