Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

735912054 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części 735912054
Szczegółowy opis  SMSJ ISOLATOR/753~803 MHZ/CW
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

735912054 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  735912054 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL SPECIFICATIONS :
Frequency Range
: 753 to 803 MHz
Input Power
: 130 W
Input Power, Peak
: 1300 W
Reflected power
: 80 W
Isolation
: 22 dB Min
Return Loss (Measured at port 1 and port 2 ) : 22 dB Min (0°C-115°C)
(Measured at port 1 and port 2 ) : 20 dB Min (-40°C-0°C)
Return Loss P4
: 20 dB Min
Insertion Loss (within frequency range, port 1 to 2) : 0.30 dB Max
Intermodulation distortion, IM3(2 x 50 W)
: -65 dBc Max
IM5(2 x 50 W)
: -75 dBc Max
Harmonics:
2 x f(100W CW)
: 0dBm Max
3-4 x f (100W CW)
:-10 dBm Max
5 x f (100W CW)
:-35 dBm Max
6-7 x f (100W CW)
:-25 dBm Max
Operating temperature range
: -40°C to +115°C
Storage temperature range
: -40°C to +125°C
Direction
: CW
BODY: STEEL, SILVER PLATED
ISOLATOR WITHSTANDS LEAD FREE SOLDERING PROCESS
WITH MAXIMUM TEMPERATURE +260°C, 10 Sec.
19.00 [.748]
11.00 [.433]
R11.50 [R.453]
R6.50 [R.256]
RECOMMENDED LAND PATTERN :
Zone A must be attached to heat sink. Thermal conductivity
of intermediate layers between Zone A and heat sink must
be better than 0.1 W / [°C x mm].
ZONE A
3.07 [.121]
8.00 [.315]
19.1 [.752]
Ø2.50 [Ø.098]
Solder Pad 2PL
.1[.002]
6.0 [.235]
7.55 [.297]
13.08 [.515]
12.25[.482]
11.0 [.433]
17.5 [.689]
3.07 [.121]
13.28 [.523]
13°
Ø2.00 [Ø.079] 3PL
Ø15.00 [Ø.591]
4
1
2
33.5 [1.319]
30.0 [1.180]
9.0±0.20 [.352±0.008]
10.0 Typical
13.0 MAX
2.40 [.094]
0.10
0.00
[0.004
0.000
]
Ø1.20 [.047]
2PL
Ø23.4 [Ø.921]
.50 [.020]
9.00 [.354]
6.00 [.236]
0735912054
molex
NOTES :
1.STANDARD INPUT/OUTPUT IMPEDANCE 50 Ohm
2.LEAD FREE, NO Nd MATERIAL, BeO FREE
3.THE DIMENSION OF DATA MATRIX IS 7.6X7.6MM INFORMATION INCLUDING
WORK ORDER NUMBER-SERIAL NUMBER-MATERIAL NUMBER
4.THIS PART COMPLIES WITH ALL RoHS REQUIREMENTS
PCB Material: RO4350B,20mil
E
D
C
B
A
9
9
8
8
7
7
6
6
5
4
4
3
3
2
2
1
1
FORMAT: ACAD-tb-prod-A3
REVISION: B
DATE: 2020/01/14
CURRENT REV DESC:
RELEASE TO PROD
DRAWING
SERIES
DOCUMENT NUMBER
MATERIAL NUMBER
CUSTOMER
SHEET NUMBER
SCALE
DOCUMENT STATUS
RELEASE DATE
735912054
PSD 000
A
CUSTOM PART
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
DIMENSION UNITS
GENERAL TOLERANCES
(UNLESS SPECIFIED)
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
THIRD ANGLE PROJECTION
73591
SREN05
HWANG186
SREN05
JLI252
HWANG186
696580
0 PLACES
1 PLACE
2 PLACES
3 PLACES
4 PLACES
±
±
±
±
±
±
±
±
±
±
0.4
0.25
0.13
0.025
0.005
----
----
----
----
----
mm
INCH
ANGULAR TOL ±
1.5 °
DOC TYPE DOC PART REVISION
A3-SIZE
APPR:
DRWN:
INITIAL REVISION:
APPR:
DRWN:
CHK'D:
EC NO:
2021/11/12
2022/03/01
2022/02/21
2022/02/23
2022/03/01
SMSJ ISOLATOR/753~803 MHZ/CW
P1
2022/03/01
06:07:14
RESTRICTED PRODUCT CUSTOMER DRAWING
MM
E
D
C
B
A
0735912054
1:1
1 OF 1
FUNCTIONAL
SYMBOLS
=
=
=
DIVISIONAL
SYMBOLS
0
0
0
ENG PART#: 808-075-080-WR040


Podobny numer części - 735912054

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
735912050 MOLEX-735912050 Datasheet
315Kb / 1P
SMSJ CIRCULATOR/2300~2400MHZ/CW
2022/03/01
735912051 MOLEX-735912051 Datasheet
315Kb / 1P
SMSJ CIRCULATOR/2300~2400MHZ/CCW
2022/03/01
735912052 MOLEX-735912052 Datasheet
338Kb / 1P
SMSJ CIRCULATOR/4500~5000MHZ/CW
2022/03/01
735912053 MOLEX-735912053 Datasheet
338Kb / 1P
SMSJ CIRCULATOR/4500~5000MHZ/CCW
2022/03/01
735912055 MOLEX-735912055 Datasheet
302Kb / 1P
SMSJ CIRCULATOR/3700~3980MHZ/CW
2022/03/01
More results

Podobny opis - 735912054

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
735912038 MOLEX-735912038 Datasheet
297Kb / 1P
SMSJ ISOLATOR/3400~3800MHZ/CW
2022/01/10
735912085 MOLEX-735912085 Datasheet
304Kb / 1P
SMSJ ISOLATOR/1805~1880MHZ/CW
2022/03/01
735912089 MOLEX-735912089 Datasheet
302Kb / 1P
SMSJ ISOLATOR/2620~2690MHZ/CW
2022/03/01
735912091 MOLEX-735912091 Datasheet
311Kb / 1P
SMSJ ISOLATOR/617-652MHZ/CW
2022/03/01
735912093 MOLEX-735912093 Datasheet
307Kb / 1P
SMSJ ISOLATOR/717~756MHZ/CW
2022/03/01
735912095 MOLEX-735912095 Datasheet
307Kb / 1P
SMSJ ISOLATOR/758~803 MHZ/CW
2022/03/01
735912096 MOLEX-735912096 Datasheet
307Kb / 1P
SMSJ ISOLATOR/758~803 MHZ/CCW
2022/03/01
735912097 MOLEX-735912097 Datasheet
313Kb / 1P
SMSJ ISOLATOR/791~821MHZ/CW
2022/03/01
735912099 MOLEX-735912099 Datasheet
312Kb / 1P
SMSJ ISOLATOR/859~894 MHZ/CW
2022/03/01
735912101 MOLEX-735912101 Datasheet
304Kb / 1P
SMSJ ISOLATOR/925~960 MHZ/CW
2022/03/01
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com