| Zakładka z wyszukiwarką danych komponentów |
|
AD7475ARMZ Arkusz danych(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7475ARMZ Arkusz danych(HTML) 4 Page - Analog Devices |
|
4 / 24 page ![]() AD7475/AD7495 Data Sheet Rev. D | Page 4 of 24 Parameter A Version1 B Version1 Unit Test Conditions/Comments POWER REQUIREMENTS VDD 2.7/5.25 2.7/5.25 V min/max VDRIVE 2.7/5.25 2.7/5.25 V min/max IDD3 Digital inputs = 0 V or VDRIVE Normal Mode (Static) 750 750 µA typ VDD = 2.7 V to 5.25 V, SCLK on or off Normal Mode (Operational) 2.1 2.1 mA max VDD = 4.75 V to 5.25 V, fSAMPLE = 1 MSPS 1.5 1.5 mA max VDD = 2.7 V to 3.6 V, fSAMPLE = 1 MSPS Partial Power-Down Mode 450 450 µA typ fSAMPLE = 100 kSPS Partial Power-Down Mode 100 100 µA max Static Full Power-Down Mode 1 1 µA max SCLK on or off Power Dissipation3 Normal Mode (Operational) 10.5 10.5 mW max VDD = 5 V, fSAMPLE = 1 MSPS 4.5 4.5 mW max VDD = 3 V, fSAMPLE = 1 MSPS Partial Power-Down (Static) 500 500 µW max VDD = 5 V 300 300 µW max VDD = 3 V Full Power-Down 5 5 µW max VDD = 5 V 3 3 µW max VDD = 3 V 1 Temperature ranges for A, B versions: −40°C to +85°C. 2 Guaranteed by initial characterization. 3 See the Power vs. Throughput Rate section. |