| Zakładka z wyszukiwarką danych komponentów |
|
MPC5675KFF0VMS2R Arkusz danych(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC5675KFF0VMS2R Arkusz danych(HTML) 21 Page - NXP Semiconductors |
|
21 / 147 page ![]() Package pinouts and signal descriptions MPC5675K Microcontroller Data Sheet, Rev. 9 NXP Semiconductors 21 2.2.2 Power supply and reference voltage pins Table 3 shows the supply pins for the MPC5675K in the 257 MAPBGA package. Table 5 shows the supply pins for the MPC5675K in the 473 MAPBGA package. Table 4 and Table 6 show the pins not populated on the MPC5675K 257 MAPBGA and 473 MAPBGA packages, respectively. DRAM ACC Bidirectional DDR pad. Can be configured to support LPDDR half strength, LPDDR full strength, DDR1, DDR2 half strength, DDR2 full strength, and SDR. DRAM CLK Differential clock driver. DRAM DQ Bidirectional DDR pad with integrated ODT. Can be configured to support LPDDR half strength, LPDDR full strength, DDR1, DDR2 half strength, DDR2 full strength, and SDR. DRAM ODT CTL Enable On Die Termination control. Analog CMOS Schmitt trigger cell with injection proof analog switch. Analog Shared CMOS Schmitt trigger cell with two injection-proof analog switches. Table 3. 257 MAPBGA supply pins Ball number Ball name Pad type Ball number Ball name Pad type VDD A3 VDD_HV_IO VDD_HV F9 VDD_LV_COR VDD_LV A9 VDD_HV_IO VDD_HV F10 VDD_LV_COR VDD_LV B16 VDD_HV_IO VDD_HV F11 VDD_LV_COR VDD_LV C1 VDD_HV_IO VDD_HV F12 VDD_LV_COR VDD_LV G2 VDD_HV_IO VDD_HV G6 VDD_LV_COR VDD_LV M2 VDD_HV_IO VDD_HV G12 VDD_LV_COR VDD_LV P10 VDD_HV_IO VDD_HV H6 VDD_LV_COR VDD_LV P14 VDD_HV_IO VDD_HV H12 VDD_LV_COR VDD_LV T2 VDD_HV_IO VDD_HV J6 VDD_LV_COR VDD_LV T16 VDD_HV_IO VDD_HV J12 VDD_LV_COR VDD_LV L14 VDD_HV_DRAM_VREF VDD_HV K6 VDD_LV_COR VDD_LV D8 VDD_HV_FLA VDD_HV K12 VDD_LV_COR VDD_LV M1 VDD_HV_OSC VDD_HV L6 VDD_LV_COR VDD_LV D14 VDD_HV_PDI VDD_HV L12 VDD_LV_COR VDD_LV H16 VDD_HV_PDI VDD_HV M6 VDD_LV_COR VDD_LV U14 VDD_HV_PMU VDD_HV M7 VDD_LV_COR VDD_LV R7 VDD_HV_ADR_13 VDD_HV_A M8 VDD_LV_COR VDD_LV Table 2. Pad types (continued) Pad Type Description |