| Zakładka z wyszukiwarką danych komponentów |
|
VLMB150 Arkusz danych(PDF) 2 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
VLMB150 Arkusz danych(HTML) 2 Page - Vishay Siliconix |
|
2 / 12 page ![]() VLMS150., VLMO1500, VLMY150., VLMG1500, VLMTG150., VLMB150. www.vishay.com Vishay Semiconductors Rev. 1.5, 19-Mar-2021 2 Document Number: 82554 For technical questions, contact: LED@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Note (1) Driving the LED in reverse direction is suitable for short term application ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified) VLMS150., VLMO1500, VLMY150., VLMG1500 (AlInGaP technology) PARAMETER TEST CONDITION SYMBOL VALUE UNIT Reverse voltage (1) VR 5V DC forward current IF 30 mA Surge forward current 1/10 duty cycle, 0.1 ms pulse width IFSM 80 mA Power dissipation Tamb ≤ 25 °C PV 75 mW Operating temperature range Tamb -30 to +85 °C Storage temperature range Tstg -40 to +85 °C IRED solder conditions According Vishay specifications Tst 260 °C ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified) VLMB150., VLMTG150. (InGaN technology) PARAMETER TEST CONDITION SYMBOL VALUE UNIT DC forward current IF 20 mA Surge forward current 1/10 duty cycle, 0.1 ms pulse width IFSM 100 mA Power dissipation Tamb ≤ 25 °C PV 76 mW Operating temperature range Tamb -20 to +80 °C Storage temperature range Tstg -30 to +100 °C IRED solder conditions According Vishay specifications Tst 260 °C OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified) VLMS150., SUPER RED PARAMETER TEST CONDITION PART SYMBOL MIN. TYP. MAX. UNIT Luminous intensity IF = 20 mA VLMS1500 IV 18 54 180 mcd IF = 20 mA VLMS1501 IV 28 54 180 mcd IF = 20 mA VLMS1502 IV 45 - 112 mcd Dominant wavelength IF = 20 mA VLMS1500 λd - 631 - nm IF = 20 mA VLMS1501 λd - 631 - nm IF = 20 mA VLMS1502 λd 624 631 636 nm Peak wavelength IF = 20 mA λp - 639 - nm Angle of half intensity IF = 20 mA ϕ -± 65 - ° Spectral line half width IF = 20 mA Δλ -20- nm Forward voltage IF = 20 mA VF 1.80 2.0 2.4 V Reverse current VR = 5 V IR -- 10 μA OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified) VLMO1500, SOFT ORANGE PARAMETER TEST CONDITION PART SYMBOL MIN. TYP. MAX. UNIT Luminous intensity IF = 20 mA VLMO1500 IV 45 90 280 mcd Dominant wavelength IF = 20 mA λd 598 605 612 nm Peak wavelength IF = 20 mA λp - 611 - nm Angle of half intensity IF = 20 mA ϕ -± 65 - ° Spectral line half width IF = 20 mA Δλ -17- nm Forward voltage IF = 20 mA VF 1.80 2.0 2.4 V Reverse current VR = 5 V IR - - 10 μA |