Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM358ADE4 Arkusz danych(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Numer części LM358ADE4
Szczegółowy opis  Industry-Standard Dual Operational Amplifiers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM358ADE4 Arkusz danych(HTML) 42 Page - Texas Instruments

Back Button LM358ADE4 Datasheet HTML 38Page - Texas Instruments LM358ADE4 Datasheet HTML 39Page - Texas Instruments LM358ADE4 Datasheet HTML 40Page - Texas Instruments LM358ADE4 Datasheet HTML 41Page - Texas Instruments LM358ADE4 Datasheet HTML 42Page - Texas Instruments LM358ADE4 Datasheet HTML 43Page - Texas Instruments LM358ADE4 Datasheet HTML 44Page - Texas Instruments LM358ADE4 Datasheet HTML 45Page - Texas Instruments LM358ADE4 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM358PWR
TSSOP
PW
8
2000
330.0
12.4
7.0
3.6
1.6
8.0
12.0
Q1
LM358PWR
TSSOP
PW
8
2000
330.0
12.4
7.0
3.6
1.6
8.0
12.0
Q1
LM358PWRG3
TSSOP
PW
8
2000
330.0
12.4
7.0
3.6
1.6
8.0
12.0
Q1
LM358PWRG4
TSSOP
PW
8
2000
330.0
12.4
7.0
3.6
1.6
8.0
12.0
Q1
LM358PWRG4-JF
TSSOP
PW
8
2000
330.0
12.4
7.0
3.6
1.6
8.0
12.0
Q1
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM258ADGKR
VSSOP
DGK
8
2500
364.0
364.0
27.0
LM258ADGKR
VSSOP
DGK
8
2500
366.0
364.0
50.0
LM258ADR
SOIC
D
8
2500
853.0
449.0
35.0
LM258ADR
SOIC
D
8
2500
364.0
364.0
27.0
LM258ADR
SOIC
D
8
2500
340.5
336.1
25.0
LM258ADR
SOIC
D
8
2500
340.5
336.1
25.0
LM258ADR
SOIC
D
8
2500
853.0
449.0
35.0
LM258ADRG4
SOIC
D
8
2500
853.0
449.0
35.0
LM258ADRG4
SOIC
D
8
2500
853.0
449.0
35.0
LM258ADRG4
SOIC
D
8
2500
340.5
336.1
25.0
LM258ADRG4
SOIC
D
8
2500
340.5
336.1
25.0
LM258DGKR
VSSOP
DGK
8
2500
364.0
364.0
27.0
PACKAGE MATERIALS INFORMATION
www.ti.com
11-Apr-2022
Pack Materials-Page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64