| Zakładka z wyszukiwarką danych komponentów |
|
PI6CBF18501 Arkusz danych(PDF) 13 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
PI6CBF18501 Arkusz danych(HTML) 13 Page - Diodes Incorporated |
|
13 / 17 page ![]() 13 A Product Line of Diodes Incorporated PI6CBF18501 www.diodes.com October 2020 Diodes Incorporated PI6CBF18501 Document Number DS43130 Rev 2-2 Byte 6: Device Type/Device ID Register Bit Control Function Description Type Power Up Condition 0 1 7 DTYPE1 Device type R 0 6 DTYPE0 R 1 5 DID5 Device ID R 0 000110 binary, 06Hex 4 DID4 R 0 3 DID3 R 0 2 DID2 R 1 1 DID1 R 1 0 DID0 R 0 Byte 7: Byte Count Register Bit Control Function Description Type Power Up Condition 0 1 7 Reserved 0 6 Reserved 0 5 Reserved 0 4 BC4 Byte count programming RW 0 Writing to this register will configure how many bytes will be read back, default is 8 bytes 3 BC3 RW 1 2 BC2 RW 0 1 BC1 RW 0 0 BC0 RW 0 |