| Zakładka z wyszukiwarką danych komponentów |
|
USB7016T-I/KDX Arkusz danych(PDF) 47 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB7016T-I/KDX Arkusz danych(HTML) 47 Page - Microchip Technology |
|
47 / 60 page ![]() 2022 Microchip Technology Inc. and its subsidiaries DS00003740B-page 47 USB7016 9.6.5 USB ATTACH COMMAND TO SMBUS SLAVE READY TIMING Figure 9-6 illustrates the SMBus Slave interface readiness in relation to ACK of the Slave interface to the “USB Attach with SMBus Runtime Access” (AA56h) from the SMBus Master. In order to ensure reliable SMBus slave operation, the SMBus master must allow the bus to remain idle after issuing the “USB Attach with SMBus Runtime Access” until tAT- TACH_RDY timing has been met. Note 6: The tATTACH_RDY values are preliminary and subject to change. 9.6.6 USB TIMING All device USB signals conform to the voltage, power, and timing characteristics/specifications as set forth in the Uni- versal Serial Bus Specification . Please refer to the Universal Serial Bus Revision 3.2 Specification, available at http:// www.usb.org/developers/docs. 9.6.7 SMBUS TIMING All device SMBus signals conform to the voltage, power, and timing characteristics/specifications as set forth in the Sys- tem Management Bus Specification. Please refer to the System Management Bus Specification, Version 1.0, available at http://smbus.org/specs. 9.6.8 I2C TIMING All device I2C signals conform to the 100KHz Standard-mode (Sm) and 400KHz Fast Mode (Fm) voltage, power, and timing characteristics/specifications as set forth in the I2C-Bus Specification. Please refer to the I2C-Bus Specification, available at http://www.nxp.com/documents/user_manual/UM10204.pdf. 9.6.9 I2S TIMING All device I2S signals conform to the voltage, power, and timing characteristics/specifications as set forth in the I2S-Bus Specification. Please refer to the I2S-Bus Specification, available at www.sparkfun.com/datasheets/BreakoutBoards/ I2SBUS.pdf Note: When accessing SMBus during runtime, it is critical to force some clocks to stay on. If this step is not taken, the SMBus slave interface will not be accessible while the hub is placed into a Suspend state by the host. FIGURE 9-6: USB ATTACH COMMAND TO SMBUS SLAVE READY TIMING TABLE 9-8: USB ATTACH COMMAND TO SMBUS SLAVE READY TIMING Symbol Description Min Typ Max Units tATTACH_RDY USB Attach command to SMBus ready (Note 6)150 ms SMBus SMBus commands accepted (if ‘Attach with I2C slave enabled during runtime’ command is used) SMBus interface not available (slave interface will stretch clock if addressed) SOC_CFG Stage Attach Command ACK Runtime Stage SOC_CFG Stage Attach Command |