Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP1031ACPZ-1-R7 Arkusz danych(PDF) 32 Page - Analog Devices

Numer części ADP1031ACPZ-1-R7
Szczegółowy opis  Three-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP1031ACPZ-1-R7 Arkusz danych(HTML) 32 Page - Analog Devices

Back Button ADP1031ACPZ-1-R7 Datasheet HTML 28Page - Analog Devices ADP1031ACPZ-1-R7 Datasheet HTML 29Page - Analog Devices ADP1031ACPZ-1-R7 Datasheet HTML 30Page - Analog Devices ADP1031ACPZ-1-R7 Datasheet HTML 31Page - Analog Devices ADP1031ACPZ-1-R7 Datasheet HTML 32Page - Analog Devices ADP1031ACPZ-1-R7 Datasheet HTML 33Page - Analog Devices ADP1031ACPZ-1-R7 Datasheet HTML 34Page - Analog Devices ADP1031ACPZ-1-R7 Datasheet HTML 35Page - Analog Devices ADP1031ACPZ-1-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
ADP1031
Data Sheet
Rev. A | Page 32 of 38
Diode Zener Diode Clamp
A Zener diode can replace the resistor, capacitor (RC) network
on the resistor, capacitor, diode clamp when the clamping level
must be consistent and well defined. Choose the Zener diode
breakdown voltage to balance power loss and switch voltage
protection. Calculate the Zener voltage by using the following
equation:
VZENER (MAX) ≤ SWPVMAX − VINP(MAX)
where:
VZENER (MAX) is the maximum Zener diode breakdown voltage or
the Zener voltage, which can be the same as the clamping
voltage, VCLAMP.
SWPVMAX is the absolute maximum rating of the SWP pin.
VINP (MAX) is the maximum input supply voltage.
The power loss in the clamp determines the power requirement
for the Zener diode. Use the following equation to calculate the
Zener diode power dissipation:
PZENER = (VZENER × LLEAK × IPEAK2 × fSW)/(2 × (VZENER − VOUT1))
where:
PZENER is the Zener diode power dissipation. Choose a Zener
diode with power rating higher than the calculated value.
VZENER is the Zener diode breakdown voltage or the Zener voltage.
LLEAK is the leakage inductance of the transformer.
IPEAK is the peak current on the flyback switch.
fSW is the switching frequency of the flyback regulator.
VOUT1 is the output voltage of the flyback regulator.
Ripple Current (IAC) vs. Inductance
Calculate the ripple current by first determining the duty cycle
in continuous conduction mode.
DCCM = (VOUT1 + VD)/(VOUT1 + VD + VINP)
where:
DCCM is the duty cycle of the flyback switch.
VOUT1 is the output voltage of the flyback regulator.
VD is the forward voltage drop across the rectifier diode.
VINP is the input supply voltage.
Then, from the duty cycle, calculate the IAC in the flyback switch
and transformer primary.
IAC = (VINP × DCCM)/(fSW × LPRI)
where:
IAC is the ripple current through the primary side of the
transformer and flyback switch.
VINP is the input supply voltage.
DCCM is the duty cycle of the flyback switch.
fSW is the switching frequency of the flyback regulator.
LPRI is the primary side inductance of the transformer.
Maximum Output Current Calculation
The maximum output power and current that can be achieved
from the flyback output depends on a number of variables within
the regulator. These variables include the transformer choice,
the operating frequency, and the rectifier diode choice. The
flyback regulator output is the supply to the buck regulator that
drives VOUT2 and the inverting regulator that drives VOUT3.
Determine the maximum output power capability by
PVOUT1 (MAX) = 0.5 × (IPEAK2 − (IPEAK − IAC/2)2) × LPRI × fSW × η
where:
PVOUT1 (MAX) is the maximum output power from VOUT1.
IPEAK is the peak current on the flyback switch.
IAC is the ripple current through the primary side of the
transformer and flyback switch.
LPRI is the primary side inductance of the transformer.
fSW is the switching frequency of the flyback regulator.
η is the expected efficiency of the flyback regulator.
The lower limit of the flyback current-limit threshold, ILIM(FLYBACK),
limits the maximum IPEAK. However, it is not recommended to
operate at this level to avoid unwanted current-limit events due
to variation in transformer inductance, efficiency, flyback
switching frequency, and rectifier diode forward voltage drop. If
the load on the flyback causes the current limit to trip, the
output voltage may not regulate as expected. It is recommended
to choose a peak operating current with built in margin for the
variations mentioned or to calculate the maximum output power
or output load using the worst case transformer inductance,
efficiency, diode forward voltage drop, and flyback switching
frequency.
Calculate the maximum load current on VOUT1 by
IVOUT1 (MAX) = PVOUT1 (MAX)/VOUT1
where:
IVOUT1 (MAX) is the maximum output current from VOUT1.
PVOUT1 (MAX) is the maximum output power from VOUT1.
VOUT1 is the output voltage of the flyback regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38