Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HD151TS302ARP Arkusz danych(PDF) 4 Page - Renesas Technology Corp

Numer części HD151TS302ARP
Szczegółowy opis  Spread Spectrum Clock for EMI Solution
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS302ARP Arkusz danych(HTML) 4 Page - Renesas Technology Corp

  HD151TS302ARP Datasheet HTML 1Page - Renesas Technology Corp HD151TS302ARP Datasheet HTML 2Page - Renesas Technology Corp HD151TS302ARP Datasheet HTML 3Page - Renesas Technology Corp HD151TS302ARP Datasheet HTML 4Page - Renesas Technology Corp HD151TS302ARP Datasheet HTML 5Page - Renesas Technology Corp HD151TS302ARP Datasheet HTML 6Page - Renesas Technology Corp HD151TS302ARP Datasheet HTML 7Page - Renesas Technology Corp HD151TS302ARP Datasheet HTML 8Page - Renesas Technology Corp HD151TS302ARP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HD151TS302ARP
Rev.5.00, May.19.2003, page 4 of 12
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VDD
–0.5 to 4.6
V
Input voltage
VI
–0.5 to 4.6
V
Output voltage
*1
VO
–0.5 to
VDD+0.5
V
Input clamp current
IIK
–50
mA
VI < 0
Output clamp current
IOK
–50
mA
VO < 0
Continuous output current
IO
±50
mA
VO = 0 to VDD
Maximum power dissipation
at Ta = 55°C (in still air)
0.7
W
Storage temperature
Tstg
–65 to +150
°C
Notes:
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any
other conditions beyond those indicated under “recommended operating conditions” is not implied.
Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
1. The input and output negative voltage ratings may be exceeded if the input and output clamp
current ratings are observed.
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit Conditions
Supply voltage
VDD
3.135
3.3
3.465
V
DC input signal voltage
–0.3
—
VDD+0.3
V
High level input voltage
VIH
2.0
—
VDD+0.3
V
Low level input voltage
VIL
–0.3
—
0.8
V
Operating temperature
Ta
0—
70
°C
Input clock duty cycle
45
50
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12