| Zakładka z wyszukiwarką danych komponentów |
|
MSK111 Arkusz danych(PDF) 1 Page - M.S. Kennedy Corporation |
|
|
|||||||||||||||||||||||||||||
MSK111 Arkusz danych(HTML) 1 Page - M.S. Kennedy Corporation |
|
1 / 5 page ![]() FEATURES: 4707 Dey Road Liverpool, N.Y. 13088 (315) 701-6751 M.S.KENNEDY CORP. 111 HIGH SPEED POWER AMPLIFIER The MSK 111 is a high speed operational amplifier which utilizes low impedance push-pull circuitry to achieve high speed amplification. Laser trimmed offset voltage provides a high DC accuracy typically less than ±2mV. The MSK 111 also offers an external offset null capability for applications in which zero offset is critical. The speed and output current offered by the MSK 111 makes it an excellent choice for video processing circuits and high speed test circuits. The MSK 111 is packaged in a hermetically sealed 8 pin TO-3 package. DESCRIPTION: Replaces Apex WA-01 Internal 1.5K Ω Feedback Resistor High Output Current: 400mA Very Fast Slew Rate: 3000V/µS Fast Settling Time Low Offset Voltage: ±5mV Offset Null Capability ISO 9001 CERTIFIED BY DSCC MIL-PRF-38534 CERTIFIED TYPICAL APPLICATIONS Sample and Hold Circuits Video Processing Line Drivers Function Generators PIN-OUT INFORMATION 8 7 6 5 Balance -VCC +Input -Input 1 2 3 4 Output +VCC NC Balance EQUIVALENT SCHEMATIC Rev. B 10/05 1 |
Podobny numer części - MSK111 |
|
Podobny opis - MSK111 |