| Zakładka z wyszukiwarką danych komponentów |
|
USB5926CT-I/KD Arkusz danych(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5926CT-I/KD Arkusz danych(HTML) 17 Page - Microchip Technology |
|
17 / 66 page ![]() USB5926C DS00003190C-page 17 2022 Microchip Technology Inc. and its subsidiaries USB Type-C Alternative Orientation B Attach 0-2 ATTACH_MUX[0:2]B I (PD) “Type-C Control Mode 2” USB Type-C attach for “Orienta- tion B” USB Type-C connections. This mode of control is an alternative to the C_AT- TACH[0:2] and AB[0:2] pins.To select this mode, the ALT_MUX_EN pin must be high. When this pin asserted, the hub enables the “Orientation B” USB 3.1 Gen 1 PHY of the associated port. When there is no USB Type-C connection present and this pin is not asserted, the associated USB 3.1 Gen 1 PHY is disabled to reduce power consumption. The polarity of this input is controlled via the CC_POL pin. If CC_POL is low, this pin behaves as follows: - 1: USB Type-C attach detected, turn respective “Orientation B” USB 3.1 Gen 1 PHY on. - 0: No USB Type-C attach detected, turn respec- tive “Orientation B” USB 3.1 Gen 1 PHY off. If CC_POL is high, this pin behaves as follows: - 1: No USB Type-C attach detected, turn respec- tive “Orientation B” USB 3.1 Gen 1 PHY off. - 0: USB Type-C attach detected, turn respective “Orientation A” USB 3.1 Gen 1 PHY on. Attach Polarity Control CC_POL I (PD) USB C_ATTACH polarity control input. If this pin is low, the C_ATTACH[0:2], AB[0:2], ATTACH_MUX[0:2]A, and ATTACH_MUX[0:2]B pins are active high. If this pin is high, the C_ATTACH[0:2], AB[0:2], ATTACH_MUX[0:2]A, and ATTACH_MUX[0:2]B pins are active low. This pin has an internal pull-down enabled. If the desired strapping is to pull this pin low, then this pin may be left unconnected. TABLE 3-6: USB TYPE-C CONNECTOR CONTROLS (CONTINUED) Name Symbol Buffer Type Description |