| Zakładka z wyszukiwarką danych komponentów |
|
MMPF0200 Arkusz danych(PDF) 96 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MMPF0200 Arkusz danych(HTML) 96 Page - NXP Semiconductors |
|
96 / 115 page ![]() 96 NXP Semiconductors PF0200 FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS F4 OTP SPARE2_4 R/W 8'b0000_xxxx –– – – RSVD 00 0 0 x x x x F5 OTP SPARE4_3 R/W 8'b0000_0xxx –– – – – RSVD 00 0 0 0 x x x F6 OTP SPARE6_2 R/W 8'b0000_00xx –– – – – – RSVD 00 0 0 0 0 x x F7 OTP SPARE7_1 R/W 8'b0000_0xxx –– – – – – – RSVD 00 0 0 0 x x x FE OTP DONE R/W 8'b0000_000x –– – – – – – OTP_DONE 00 0 0 0 00x FF OTP I2C ADDR R/W 8'b0000_0xxx –– – – I2C_SLV ADDR[3] I2C_SLV ADDR[2:0] 00 0 0 1 x x x Notes 76. In PF0200 It is required to set all of the FUSE_PORx bits to be able to load the fuses. Table 122. Extended page 2 Address Register Name TYPE Default BITS[7:0] 7 6 5 4 3 2 1 0 81 SW1AB PWRSTG R/W 8'b1111_1111 RSVD RSVD RSVD RSVD RSVD SW1AB_PWRSTG[2:0] 1 1 1 111 1 1 84 SW2 PWRSTG R 8'b1111_1111 RSVD RSVD RSVD RSVD RSVD SW2_PWRSTG[2:0] 1 1 1 111 1 1 85 SW3A PWRSTG R 8'b1111_1111 RSVD RSVD RSVD RSVD RSVD SW3A_PWRSTG[2:0] 1 1 1 111 1 1 86 SW3B PWRSTG R 8'b1111_1111 RSVD RSVD RSVD RSVD RSVD SW3B_PWRSTG[2:0] 1 1 1 111 1 1 87 PWRCTRL R 8'b0111_1111 FSLEXT_ THERM_ DISABLE PWRGD_ SHDWN_ DISABLE RSVD RSVD RSVD RSVD 0 0 1 111 1 1 88 PWRCTRL OTP CTRL R 8'b0000_0001 – – – ––– PWRGD_EN OTP_ SHDWN_EN 0 0 0 000 0 1 8D I2C WRITE ADDRESS TRAP R/W 8'b0000_0000 I2C_WRITE_ADDRESS_TRAP[7:0] 0 0 0 000 0 0 Table 121. Extended page 1 (continued) Address Register Name TYPE Default BITS[7:0] 7 6 5 4 3 2 1 0 |