Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SC-GPCD-DI32-PF Arkusz danych(PDF) 1 Page - Pepperl+Fuchs Inc.

Numer części SC-GPCD-DI32-PF
Szczegółowy opis  Termination Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PF [Pepperl+Fuchs Inc.]
Strona internetowa  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

SC-GPCD-DI32-PF Arkusz danych(HTML) 1 Page - Pepperl+Fuchs Inc.

  SC-GPCD-DI32-PF Datasheet HTML 1Page - Pepperl+Fuchs Inc. SC-GPCD-DI32-PF Datasheet HTML 2Page - Pepperl+Fuchs Inc. SC-GPCD-DI32-PF Datasheet HTML 3Page - Pepperl+Fuchs Inc. SC-GPCD-DI32-PF Datasheet HTML 4Page - Pepperl+Fuchs Inc. SC-GPCD-DI32-PF Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Termination Board
SC-GPCD-DI32-PF
< System board for Honeywell Experion PKS, Series C
< For 32-channel card CC-TDIL01/11
< For 16 modules
< Recommended module: HiC2822 (DI)
< Recommended system cable: CAB-HON-**-S37C32-MX-01000
< 24 V DC supply
< Hazardous area: pluggable screw terminals, blue
< Non-hazardous area: Sub-D connector (male), 37-pin
The function of the termination board and the connector pin assignment is exactly fitted to the requirements of the Honeywell system.
The signal is output to the process control system via the system connector.
Information about a missing supply voltage of the isolators is available for the system as a volt-free contact.
Wiring faults from the field side will be reported via the same relay contact, if this function supported by the the isolators.
The termination board has a robust plastic housing.
The termination board is mounted in the switch cabinet on a 35 mm DIN mounting rail according to EN 60175.
Connection
Zone 0, 1, 2
Div. 1, 2
X1
X2
TB2
TB1
TB3
TB4
1
31
2
32
24 V DC (I),
24 V DC (II)
Fault
TDIL01/11
Technical Data
Supply
Connection
TB3: terminals 2, 4(+); 1, 3(-)
Nominal voltage
24 V DC , in consideration of rated voltage of used isolators
Voltage drop
0.9 V , voltage drop across the series diode on the termination board must be
considered
Ripple
≤ 10 %
Fusing
4 A
Power dissipation
≤ 500 mW , without modules
Reverse polarity protection
yes
Redundancy
Supply
Redundancy available. The supply for the isolators is decoupled, monitored and fused.
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Podobny numer części - SC-GPCD-DI32-PF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pepperl+Fuchs Inc.
SC-GPCS-UNI16-PF PF-SC-GPCS-UNI16-PF Datasheet
1Mb / 6P
Termination Board
2021-04-27
More results

Podobny opis - SC-GPCD-DI32-PF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pepperl+Fuchs Inc.
FC-GPCS-RIO16-PF PF-FC-GPCS-RIO16-PF Datasheet
997Kb / 6P
Termination Board
FC-GPCS-SAO08-PF PF-FC-GPCS-SAO08-PF Datasheet
1Mb / 4P
Termination Board
HICTB08-FBM-RAC-SC-IO08 PF-HICTB08-FBM-RAC-SC-IO08 Datasheet
1Mb / 5P
Termination Board
HICTB08-SDC-44C-SC-RA PF-HICTB08-SDC-44C-SC-RA Datasheet
1Mb / 5P
Termination Board
HICTB16-TRI-DIISS-EL-PL PF-HICTB16-TRI-DIISS-EL-PL Datasheet
1Mb / 4P
Termination Board
HICTB16-TRX-RAC-PL-AI16 PF-HICTB16-TRX-RAC-PL-AI16 Datasheet
1Mb / 4P
Termination Board
HICTB16-TRX-RAC-PL-IO16 PF-HICTB16-TRX-RAC-PL-IO16 Datasheet
1Mb / 4P
Termination Board
HICTB32-HIM-RAS-SP-AI320X PF-HICTB32-HIM-RAS-SP-AI320X Datasheet
1Mb / 4P
Termination Board
HIDTB16-SDC-44C-SC-RA PF-HIDTB16-SDC-44C-SC-RA Datasheet
1Mb / 5P
Termination Board
HIDTB08-SDC-44C-SC-RA PF-HIDTB08-SDC-44C-SC-RA Datasheet
1Mb / 5P
Termination Board
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com