| Zakładka z wyszukiwarką danych komponentów |
|
NSFK Arkusz danych(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
NSFK Arkusz danych(HTML) 8 Page - NXP Semiconductors |
|
8 / 39 page ![]() Additional support 8 NXP Sensor Fusion Library for Kinetis MCUs, Rev. 0.8 © NXP B.V. 2014–2016. All rights reserved Table 3. NXP Sensor Fusion Toolbox features by platform Feature Android Windows Bluetooth wireless link ✔ Requires BT on PC (built-in or dongle) UART over USB — ✔ OS requirements >=Android 4.0.3 >=Windows 7.0 Support for native sensors ✔ — Device View ✔ ✔ Panorama View ✔ — Statistics View ✔ — Canvas View ✔ — Orientation Value vs Time Plots — ✔ Inertial Value vs Time Plots — ✔ Magnetics — ✔ Kalman Parameter Plots — ✔ Altimeter Value vs Time Plots — ✔ Data Logging ✔ ✔ Integrated documentation ✔ ✔ Availability Google Play NXP website Price Free Free 3.1 NXP Sensor Fusion Toolbox for Android The Fusion Library is supplied in the form of CodeWarrior projects for specific NXP development boards. The basic function of the Sensor Fusion Android implementation are shown in Figure 5. These projects are compatible with the NXP Sensor Fusion Toolbox for Android, which can be freely downloaded from Google Play. For download and training links, visit nxp.com/sensorfusion. |