Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VDD241MNTA Arkusz danych(PDF) 15 Page - AnaSem Hong Kong Limited.

Numer części VDD241MNTA
Szczegółowy opis  Low voltage, Low power, 짹1% High detect accuracy CMOS Voltage Detector with Delay circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ANASEM [AnaSem Hong Kong Limited.]
Strona internetowa  http://anasemi.com/index.php
Logo ANASEM - AnaSem Hong Kong Limited.

VDD241MNTA Arkusz danych(HTML) 15 Page - AnaSem Hong Kong Limited.

Back Button VDD241MNTA Datasheet HTML 11Page - AnaSem Hong Kong Limited. VDD241MNTA Datasheet HTML 12Page - AnaSem Hong Kong Limited. VDD241MNTA Datasheet HTML 13Page - AnaSem Hong Kong Limited. VDD241MNTA Datasheet HTML 14Page - AnaSem Hong Kong Limited. VDD241MNTA Datasheet HTML 15Page - AnaSem Hong Kong Limited. VDD241MNTA Datasheet HTML 16Page - AnaSem Hong Kong Limited. VDD241MNTA Datasheet HTML 17Page - AnaSem Hong Kong Limited. VDD241MNTA Datasheet HTML 18Page - AnaSem Hong Kong Limited. VDD241MNTA Datasheet HTML 19Page - AnaSem Hong Kong Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AnaSem
14
Rev. E13-01
VDD Series
Low voltage, Low power, ±1% High detect accuracy with delay circuit CMOS Voltage Detector
.......... Future of the analog world
www.anasemi.com
sales@anasemi.com
TYPICAL CHARACTERISTICS – Delay Time vs. Ambient Temperature
VDD221MCTA (CMOS 2.2V)
VIN=0V~6.0V, Step=10°C
90
70
50
30
10
-10
-30
-50
Ambient Temperature : Ta (°C)
200
180
120
100
60
40
20
-40
-20
0
20
40
60
80
140
VIN=6.0V
VIN=5.4V
160
80
VDD271MCTA (CMOS 2.7V)
VIN=0V~6.0V, Step=10°C
90
70
50
30
10
-10
-30
-50
Ambient Temperature : Ta (°C)
200
180
120
100
60
40
20
-40
-20
0
20
40
60
80
140
VIN=6.0V
VIN=5.4V
160
80
VDD271SNTA (N-ch 2.7V)
VIN=0V~6.0V, Step=10°C
90
70
50
30
10
-10
-30
-50
Ambient Temperature : Ta (°C)
50
45
30
25
15
10
5
-40
-20
0
20
40
60
80
35
VIN=6.0V
VIN=5.4V
40
20
VDD301MCTA (CMOS 3.0V)
VIN=0V~6.0V, Step=10°C
90
70
50
30
10
-10
-30
-50
Ambient Temperature : Ta (°C)
200
180
120
100
60
40
20
-40
-20
0
20
40
60
80
140
VIN=6.0V
VIN=5.4V
160
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com