Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIC2171 Arkusz danych(PDF) 2 Page - Microchip Technology

Numer części MIC2171
Szczegółowy opis  100 kHz, 2.5A Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2171 Arkusz danych(HTML) 2 Page - Microchip Technology

  MIC2171 Datasheet HTML 1Page - Microchip Technology MIC2171 Datasheet HTML 2Page - Microchip Technology MIC2171 Datasheet HTML 3Page - Microchip Technology MIC2171 Datasheet HTML 4Page - Microchip Technology MIC2171 Datasheet HTML 5Page - Microchip Technology MIC2171 Datasheet HTML 6Page - Microchip Technology MIC2171 Datasheet HTML 7Page - Microchip Technology MIC2171 Datasheet HTML 8Page - Microchip Technology MIC2171 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MIC2171
DS20006355A-page 2
2022 Microchip Technology Inc. and its subsidiaries
Typical Application Circuits
Functional Block Diagram
5V to 12V Boost Converter
5V Flyback Converter
+5V
(4.75V min.)
D1
1N5822
MIC2171
IN
SW
FB
C1*
47μF
R3
1
C3
1μF
R1
10.7
1%
C2
470μF
VOUT
+12V, 0.25A
L1
15μH
* Locate near MIC2171 when supply leads > 2”
R2
1.24
1%
GND
COMP
C4
470μF
D2
1N5818
C1
47μF
C2
1μF
R3
1
R4*
VOUT
5V, 0.5A
* Optional voltage clipper (may be req’d if T1 leakage inductance too high)
C3*
D1*
R1
3.74
1%
R2
1.24
1%
VIN
4V to 6V
T1
1.8:1
LPRI = 12μH
MIC2171
IN
SW
FB
GND
COMP
Current
Amp.
Error
Amp.
1.24V
Ref.
Logic
Driver
Anti-Sat.
SW
100kHz
Osc.
Reg.
FB
D
N
G
P
M
O
C
IN
D1
Q1
2.3V
Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24