Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VS-U5FX60FA120 Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części VS-U5FX60FA120
Szczegółowy opis  FRED Pt® Gen 5 Hyperfast Rectifier Diode, 1200 V, 60 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-U5FX60FA120 Arkusz danych(HTML) 2 Page - Vishay Siliconix

  VS-U5FX60FA120 Datasheet HTML 1Page - Vishay Siliconix VS-U5FX60FA120 Datasheet HTML 2Page - Vishay Siliconix VS-U5FX60FA120 Datasheet HTML 3Page - Vishay Siliconix VS-U5FX60FA120 Datasheet HTML 4Page - Vishay Siliconix VS-U5FX60FA120 Datasheet HTML 5Page - Vishay Siliconix VS-U5FX60FA120 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VS-U5FX60FA120
www.vishay.com
Vishay Semiconductors
Revision: 19-May-2022
2
Document Number: 96946
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Typical Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current
DYNAMIC RECOVERY CHARACTERISTICS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Reverse recovery time
trr
TJ = 25 °C
IF = 30 A,
diF/dt = 1000 A/μs,
VR = 800 V
-41
-
ns
TJ = 125 °C
-
68
-
Peak recovery current
IRRM
TJ = 25 °C
-
19
-
A
TJ = 125 °C
-
32
-
Reverse recovery charge
Qrr
TJ = 25 °C
-
0.8
-
μC
TJ = 125 °C
-
2.3
-
Junction capacitance
CT
VR = 1200 V, f = 1 MHz
-
13.4
-
pF
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Thermal resistance junction to case,
per diode
RthJC
--
1.1
°C/W
Thermal resistance junction to case,
per module
-
-
0.55
Thermal resistance case to heatsink,
per module
RthCS
Flat, greased surface
-
0.05
-
Weight
-30
-
g
Mounting torque
Torque per diode
-
-
1.1 (9.7)
Nm (lbf.in)
Torque to heatsink
-
-
1.8 (15.9)
Nm (lbf.in)
Case style
SOT-227
0
10
20
30
40
50
60
70
80
90
100
110
120
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
V
FM (V)
T
J = 150 °C
T
J = 175 °C
T
J = 125 °C
T
J = 25 °C
0.0001
0.001
0.01
0.1
1
200
400
600
800
1000
1200
V
R (V)
25 °C
125 °C
150 °C
175 °C



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com