| Zakładka z wyszukiwarką danych komponentów |
|
PCF8545ATT Arkusz danych(PDF) 30 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8545ATT Arkusz danych(HTML) 30 Page - NXP Semiconductors |
|
30 / 103 page ![]() PCA8530 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 2 — 25 September 2014 30 of 103 NXP Semiconductors PCA8530 Automotive 102 x 4 Chip-On-Glass LCD segment driver (1) If previously enabled. Remark: When bits DE (Table 22 on page 21), CPE (Table 14 on page 15) and TME (Table 17 on page 17) are logic 0, the internal clock signal is switched off. Fig 8. Recommended power-down sequence when using an external supplied VLCD and the internal clock signal (1) If previously enabled. Fig 9. Recommended power-down sequence when using the internal charge pump and an external clock signal |