Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LT8685SRVPBF Arkusz danych(PDF) 2 Page - Analog Devices

Numer części LT8685SRVPBF
Szczegółowy opis  42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

LT8685SRVPBF Arkusz danych(HTML) 2 Page - Analog Devices

  LT8685SRVPBF Datasheet HTML 1Page - Analog Devices LT8685SRVPBF Datasheet HTML 2Page - Analog Devices LT8685SRVPBF Datasheet HTML 3Page - Analog Devices LT8685SRVPBF Datasheet HTML 4Page - Analog Devices LT8685SRVPBF Datasheet HTML 5Page - Analog Devices LT8685SRVPBF Datasheet HTML 6Page - Analog Devices LT8685SRVPBF Datasheet HTML 7Page - Analog Devices LT8685SRVPBF Datasheet HTML 8Page - Analog Devices LT8685SRVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT8685S
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN1, VIN2 ................................................... –0.3V to 42V
VIN3, VIN4................................................... –0.3V to 10V
EN/UVLO, EN2, EN3, EN4..........................................42V
PG1, PG2, PG3, PG4, SYNC/MODE.............................6V
BIAS........................................................... –0.3V to 14V
FB1, FB2, FB3, FB4......................................................4V
TRK/SS1, TRK/SS2, TRK/SS3, TRK/SS4....................4V
Operating Junction Temperature (Notes 2, 3)
LT8685SR.......................................... –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Maximum Reflow (Package Body)
Temperature..........................................................260°C
(Note 1)
VIN1
VIN2
TRK/SS2
SYNC/MODE
RT
TRK/SS4
VIN3
VIN3
VIN4
VIN4
SW2
BST2
PG2
BIAS
INTVCC
TRK/SS3
PG3
BST3
SW3
SW3
TOP VIEW
LQFN PACKAGE
36-LEAD (5mm × 6mm × 0.95mm)
TJMAX = 150°C, θJA = 19°C/W, θJC_top = 18.3°C/W, θJC_bottom = 5.4°C/W
EXPOSED PAD (PINS 37 TO 40) MUST BE SOLDERED TO PCB GND
NOTE:
1) θ VALUES ARE DETERMINED BY SIMULATION PER JESD51 CONDITIONS;
2) θJA VALUE IS OBTAINED WITH DEMO BOARD.
1
2
3
4
5
6
7
8
9
10
28
27
26
25
24
23
22
21
20
19
13
12
11
14
15
16
17
18
34
35
36
33
32
31
30
29
37
GND
38
GND
39
GND
40
GND
ORDER INFORMATION
PART NUMBER
TAPE AND REEL
PAD OR
BALL FINISH
PART MARKING
PACKAGE
TYPE*
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LT8685SRV#PBF
LT8685SRV#TRPBF
Au (RoHS)
8685S
e4
LQFN (Laminate Package
with QFN Footprint)
3
–40°C to 150°C
AUTOMOTIVE PRODUCTS**
LT8685SRV#WPBF LT8685SRV#WTRPBF
Au (RoHS)
8685S
e4
LQFN (Laminate Package
with QFN Footprint)
3
–40°C to 150°C
• Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Tape and reel specifications.
• Parts ending with PBF and RoHS are WEEE compliant.
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures
• LGA and BGA Package and Tray Drawings
*The LT8685S package has the same dimensions as a standard 5mm × 6mm QFN package.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24