Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TEC28V15A Arkusz danych(PDF) 7 Page - Analog Technologies, Inc.

Numer części TEC28V15A
Szczegółowy opis  High Voltage High Current TEC Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Strona internetowa  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

TEC28V15A Arkusz danych(HTML) 7 Page - Analog Technologies, Inc.

Back Button TEC28V15A Datasheet HTML 3Page - Analog Technologies, Inc. TEC28V15A Datasheet HTML 4Page - Analog Technologies, Inc. TEC28V15A Datasheet HTML 5Page - Analog Technologies, Inc. TEC28V15A Datasheet HTML 6Page - Analog Technologies, Inc. TEC28V15A Datasheet HTML 7Page - Analog Technologies, Inc. TEC28V15A Datasheet HTML 8Page - Analog Technologies, Inc. TEC28V15A Datasheet HTML 9Page - Analog Technologies, Inc. TEC28V15A Datasheet HTML 10Page - Analog Technologies, Inc. TEC28V15A Datasheet HTML 11Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 5/3/2022 Email: staff@analogti.com/sales@analogti.com 7
Analog Technologies
TEC28V15A
High Voltage High Current TEC Controller
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Power Supply Input: VPS pin, pin 29~32
Input Voltage Range
VVPS
5
28
V
Input Current
IVPS
Operation mode
0.05
16
A
IVPSSB
Standby mode
5
20
mA
IVPSSD
Shutdown mode
50
µA
Temperature Stability
Temperature Error Voltage
VTMO−VTMS
−0.47
0.02
0.47
mV
Efficiency
η
VVPS = 28V
|VTEC+− VTEC−| = 14V
|ITEC+− ITEC−| = 15A
≥92
%
Case Operating Temperature
Range
TCS
−40
110
°C
Ambient Operating Temperature
Range
TA
−40
65
°C
Storage Temp. Range
TSTG
−40
125
°C
Controller Case Thermal
Resistance
RTH
9
°C /W
This TEC controller can only drive the TECs having >1Ω impedance, which equals VMAX / IMAX.
Figure 3. TMS Input Equivalent Circuit
Figure 4. VLM Input Equivalent Circuit
The switch S2 is closed @ heating, and open @
cooling
Figure 5. Controller States
VSB-SD: Going down logic low from standby to
shutdown
VSD-SB: Going up logic high from shutdown to standby
VOP-SB: Going down logic low from operation to
standby
VSB-OP: Going up logic high from standby to operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com