| Zakładka z wyszukiwarką danych komponentów |
|
CSW88050 Arkusz danych(PDF) 1 Page - DAICO Industries, Inc. |
|
|
|||||||||||||||||||||||||||||
CSW88050 Arkusz danych(HTML) 1 Page - DAICO Industries, Inc. |
|
|
1 / 1 page ![]() MODEL NO. CSW88050 Switch SP8T FEAT URES 20 - 160 MHz 0.9 dB Insertion Loss 58 dB Isolation +40 dBm 3rd Order Intercept Point SP8 T DA I C O I ndustries Parameter Min Typ Max Units Conditions Operating Frequency 20 160 MHz DC Current 2.3 10 mA At +5 VDC Supply 0.7 10 mA At -5 VDC Supply Control Type TTL See Table Control Current High ±10 µA VIH = +2.7 V Low ±10 µA VIL = +0.5 V Insertion Loss 0.87 2 dB Isolation 50 58 dB VSWR 1.15/1 1.4/1 Impedance 50 OHMS Switching Speed 30 100 nSec 50% TTL to 90% / 10% RF Switching (Video) Transients 40 mV Peak Value Intercept Points 2nd +60 +80 dBm 50 / 70 MHz 3rd +30 +40 dBm 50 / 36 MHz RF Power Operate +15 +15 dBm 0.1 dB Compression No Damage +21 +27 dBm Operating Temperature -20 +25 +70 °CTA Storage Temperature -45 +85 °CTA GUARANTEED PERFORMANCE Advanced Release RF4 RF2 RF3 RF5 RF6 RF7 RF8 C1 "0" "0" C3 C4 RF COM GND -5V +5V 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 C2 RF1 LOGIC 50 Ω "0" "0" 50 Ω 50 Ω 50 Ω 50 Ω 50 Ω 50 Ω 50 Ω Rev. 4 / Iss.1 .070 .15 .xx = .02 .xxx = .010 .015 ± .002 DIA 16 PLACES CONTRASTING COLOR BEAD PART IDENTIFICATION 18 9 16 .100 1.00 .325 TYP .05 MAX TYP .700 TYP .75 RF COM CONTROL INPUT TO C4 C3 C2 010 RF5 010 RF6 011 RF7 011 RF8 1 X X ALL OFF 1 X 0 1 C1 0 0011 RF4 0010 RF3 0001 RF2 0000 RF1 LOGIC TABLE |
Podobny numer części - CSW88050 |
|
Podobny opis - CSW88050 |