Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCC033C Arkusz danych(PDF) 1 Page - Balluff Korea Ltd.

Numer części BCC033C
Szczegółowy opis  Single-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BALLUFF [Balluff Korea Ltd.]
Strona internetowa  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC033C Arkusz danych(HTML) 1 Page - Balluff Korea Ltd.

  BCC033C Datasheet HTML 1Page - Balluff Korea Ltd. BCC033C Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Single-Ended Cordsets
BCC M413-0000-2A-036-VS8334-050
Order Code: BCC033C
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 165390
ETIM 6.0: EC001855
BCC033C_0.78_2022-07-16
1 / 2
Basic features
Approval/Conformity
CE
cULus
EAC
WEEE
Electrical connection
Bending radius min., fixed cable
5 x D
Cable
PVC Shielded gray, 5 m
Cable diameter D
5.00 mm ±0.10 mm
Conductor cross-section
0.34 mm²
Connection
M12x1-Male, Straight, 3-pin, A-
coded
Connector configuration
Straight
Number of conductors
3
Number of pins
3
System
Molded
Electrical data
Operating voltage Ub
250 VDC / 250 VAC
Rated current (40 °C)
4.0 A
Environmental conditions
Cable temperature UL max., fixed
routing
80 °C
Cable temperature, fixed routing
-20...105 °C
IP rating
IP67
Material
Cable jacket material, note
Shielded
Cable jacket, material
PVC
Cable shield
Copper braid, tin-plated
Material contact carrier
PUR
Material contacts
Brass
Material cover nut
Brass
nickel-plated
Material grip
PUR
Mechanical data
Cable jacket, color
gray
Cable length L
5.00 m
Tightening torque pigtail
0.6 Nm
Remarks
Cable construction acc. to UL-AWM Style 2517
Silicone-free
Flame resistance acc. to FT1
360° shield on cover nut
Enclosure rating per IEC 60529, only in screwed state with the associated mating piece.


Podobny numer części - BCC033C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Balluff Korea Ltd.
BCC0330 BALLUFF-BCC0330 Datasheet
105Kb / 2P
Single-Ended Cordsets
0.59_2022-01-17
BCC0331 BALLUFF-BCC0331 Datasheet
109Kb / 2P
Single-Ended Cordsets
0.61_2022-01-17
BCC0332 BALLUFF-BCC0332 Datasheet
109Kb / 2P
Single-Ended Cordsets
0.65_2022-04-13
BCC0333 BALLUFF-BCC0333 Datasheet
109Kb / 2P
Single-Ended Cordsets
0.61_2022-04-13
BCC0334 BALLUFF-BCC0334 Datasheet
104Kb / 2P
Single-Ended Cordsets
0.4_2022-05-12
More results

Podobny opis - BCC033C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Balluff Korea Ltd.
BCC02M6 BALLUFF-BCC02M6 Datasheet
103Kb / 2P
Single-Ended Cordsets
0.64_2022-04-14
BCC053U BALLUFF-BCC053U Datasheet
122Kb / 2P
Single-Ended Cordsets
0.79_2022-04-14
BCC06HN BALLUFF-BCC06HN Datasheet
107Kb / 2P
Single-Ended Cordsets
0.65_2022-04-13
BCC0727 BALLUFF-BCC0727 Datasheet
107Kb / 2P
Single-Ended Cordsets
1_2018-12-17
BCC09CP BALLUFF-BCC09CP Datasheet
163Kb / 2P
Single-Ended Cordsets
0.63_2022-04-14
BCC02N5 BALLUFF-BCC02N5 Datasheet
98Kb / 2P
Single-Ended Cordsets
0.73_2022-01-17
BCC02NA BALLUFF-BCC02NA Datasheet
105Kb / 2P
Single-Ended Cordsets
0.34_2022-01-18
BCC02NK BALLUFF-BCC02NK Datasheet
99Kb / 2P
Single-Ended Cordsets
0.75_2022-01-17
BCC02NW BALLUFF-BCC02NW Datasheet
122Kb / 2P
Single-Ended Cordsets
1_2021-10-12
BCC032W BALLUFF-BCC032W Datasheet
107Kb / 2P
Single-Ended Cordsets
0.64_2022-04-14
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com