| Zakładka z wyszukiwarką danych komponentów |
|
CD08RL1AB-R Arkusz danych(PDF) 3 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
CD08RL1AB-R Arkusz danych(HTML) 3 Page - C&K Components |
|
3 / 4 page ![]() .060 (1,52) .220 (5,59) .130 (3,3) .151 (3,84) .300 (7,62) DIA. 0 H H–30 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ck-components.com SWITCH FUNCTION CD Series 8mm DIP Coded Rotary Switches POS. C 1 2 4 8 0 1 2 3 4 5 6 7 POS. C 1 2 4 8 0 1 2 3 4 5 6 7 0 PIN 1 INDICATOR PIN 1 INDICATOR 0 9 1 POS. C 1 2 4 8 0 1 2 3 4 5 6 7 8 9 POS. C 1 2 4 8 0 1 2 3 4 5 6 7 8 9 PIN 1 INDICATOR F 1 0 POS. C 1 2 4 8 0 1 2 3 4 5 6 7 8 9 A B C D E F POS. C 1 2 4 8 0 1 2 3 4 5 6 7 8 9 A B C D E F .036 (0,91) .040 (1,02) .126 (3,2) .120 DIA. (3,05) .080 (2,03) 0 9 1 FLUSH ACTUATOR 0 9 1 .025 TYP. (0,64) .100 (2,54) ACTUATOR CD08R 8 POSITION, BCD ACTUATOR COLOR: WHITE CD08C 8 POSITION, BCD COMPLEMENT ACTUATOR COLOR: BLACK CD10R 10 POSITION, BCD ACTUATOR COLOR: WHITE CD10C 10 POSITION, BCD COMPLEMENT ACTUATOR COLOR: BLACK CD16R 16 POSITION, HEXADECIMAL ACTUATOR COLOR: WHITE CD16C 16 POSITION, HEXADECIMAL COMPLEMENT ACTUATOR COLOR: BLACK M0 (STD.) FLUSH WITH SCREWDRIVER SLOT L1 EXTENDED WITH SCREWDRIVER SLOT K1 KNOB NOTE: Designed for #0 Phillips screwdriver. Switches ship and to be solder processed in position “0” Switches ship and to be solder processed in position “0” Switches ship and to be solder processed in position “0” Switches ship and to be solder processed in position “7” Switches ship and to be solder processed in position “7” Switches ship and to be solder processed in position “F” |