| Zakładka z wyszukiwarką danych komponentów |
|
A10405-R-N-ZGF Arkusz danych(PDF) 2 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
A10405-R-N-ZGF Arkusz danych(HTML) 2 Page - C&K Components |
|
2 / 5 page ![]() K K–4 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ckswitches.com 20 Apr 21 A Series 1-4 Pole Rotary Switches SWITCH FUNCTION 3P MODELS SCHEMATIC 4P MODELS SCHEMATIC DP MODELS SCHEMATIC SP MODELS SCHEMATIC 3P MODELS TERMINAL NUMBERS 4P MODELS SP MODELS (omit terminals B, C & D) DP MODELS (omit terminals B & D) Terminal numbers molded on bottom of housing. 30º INDEXING 45º INDEXING 90º INDEXING NOTE: * These models with ‘C’ or ‘MC’ terminations have additional terminal no. 9 as switch support only. This terminal is not connected electrically inside switch. All models with all options when ordered with ‘G’ or ‘Q’ contact material, see page K-6. A,B,C,1-12 4 Position A304 A,B,C,1-3,5-7 9-11 3 Position A303 A,C,1-12 6 Position A206 A,C,1-5,7-11 5 Position A205 A,C,1-4,7-10 4 Position A204 A,C,1-3,7-9 3 Position A203 DP A,1-12 12 Position A112 A,1-10 10 Position A110 A,1-9 9 Position A109 A,1-8 8 Position A108 A,1-7 7 Position A107 A,1-6* 6 Position A106 A,1-5* 5 Position A105 A,1-4* 4 Position A104 A,1-3* 3 Position A103 A,1,2* SPDT A102 A,1-12 12 Position No Stops A100 SP TERMINALS SWITCH FUNCTION MODEL NO. NO. POLES 30º INDEXING 3P NO. POLES NO. POLES NO. POLES MODEL NO. MODEL NO. MODEL NO. SWITCH FUNCTION SWITCH FUNCTION SWITCH FUNCTION TERMINALS TERMINALS TERMINALS A402 A115 A114 A403 A125 A124 A214 4PDT 3 Position 2 Position 3 Position 8 Position 4 Position 2 Position All Terminals A,1,2,4,5,7,8,10,11 A,1,4,7,10 A,C,1,4,7,10 A,B,C,D,1,2,4,5,7, 8,10,11 A,1,2,4* A,1,4* 4P SP SP DP |