Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PR02 Arkusz danych(PDF) 8 Page - Vishay Siliconix

Numer części PR02
Szczegółowy opis  Power Metal Film Leaded Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PR02 Arkusz danych(HTML) 8 Page - Vishay Siliconix

Back Button PR02 Datasheet HTML 4Page - Vishay Siliconix PR02 Datasheet HTML 5Page - Vishay Siliconix PR02 Datasheet HTML 6Page - Vishay Siliconix PR02 Datasheet HTML 7Page - Vishay Siliconix PR02 Datasheet HTML 8Page - Vishay Siliconix PR02 Datasheet HTML 9Page - Vishay Siliconix PR02 Datasheet HTML 10Page - Vishay Siliconix PR02 Datasheet HTML 11Page - Vishay Siliconix PR02 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
PR01, PR02, PR03
www.vishay.com
Vishay BCcomponents
Revision: 11-Jul-2018
8
Document Number: 28729
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PR03 Hot-spot temperature rise (
T) as a function
of dissipated power.
PR03 Hot-spot temperature rise (
T) as a function
of dissipated power.
200
01
3
0
2
40
80
120
160
∆T
(K)
P
(W)
Ø 0.78 mm Cu-leads
ΔT
(K)
P (W)
012
200
0
40
80
120
160
Ø 0.78 mm FeCu-leads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com