Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

WSC01/2RGEK Arkusz danych(PDF) 3 Page - Vishay Siliconix

Numer części WSC01/2RGEK
Szczegółowy opis  Wirewound Resistors, Precision Power, Surface Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSC01/2RGEK Arkusz danych(HTML) 3 Page - Vishay Siliconix

  WSC01/2RGEK Datasheet HTML 1Page - Vishay Siliconix WSC01/2RGEK Datasheet HTML 2Page - Vishay Siliconix WSC01/2RGEK Datasheet HTML 3Page - Vishay Siliconix WSC01/2RGEK Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WSC, WSN
www.vishay.com
Vishay Dale
Revision: 24-May-2022
3
Document Number: 30102
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PULSE CAPABILITY
www.vishay.com/resistors/SMD-wirewound-pulse-capability-calculator/
Note
• Pulse capability increases based on the amount of wire for the resistance value and construction. The WSC0002 has greater pulse capability
than WSC4527 due to differences in internal construction. The non-inductive WSN has greater pulse capability for the same size WSC
because the second layer of wire increases the wire mass available to withstand pulse energy without exceeding temperature limits.
Follow pulse graphic link for more information regarding capability
Notes
• Embossed carrier tape per EIA-481
• Additional packaging details at www.vishay.com/doc?20051
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal shock
-55 °C to +150 °C, 1000 cycles, 15 min at each extreme
± 0.5 % + 0.05
Ω
Short time overload
5 x rated power for 5 s
± 0.2 % + 0.05
Ω
Low temperature storage
-65 °C for 24 h
± 0.2 % + 0.05
Ω
High temperature exposure
2000 h at +275 °C
± 2.0 % + 0.05
Ω
Bias humidity
+85 °C, 85 % RH, 10 % bias, 1000 h
± 0.2 % + 0.05
Ω
Mechanical shock
100 g’s for 6 ms, 5 pulses
± 0.1 % + 0.05
Ω
Vibration
Frequency varied 10 Hz to 500 Hz in 1 min, 3 directions, 9 h
± 0.1 % + 0.05
Ω
Load life
1000 h at rated power, +70 °C, 1.5 h “ON”, 0.5 h “OFF”
± 1.0 % + 0.05
Ω
Resistance to solder heat
+260 °C solder, 10 s to 12 s dwell, 25 mm/s emergence
± 0.5 % + 0.05
Ω
PACKAGING
MODEL
REEL
TAPE WIDTH
DIAMETER
PIECES/REEL
CODE
WSC01/2
12 mm / embossed plastic
330 mm / 13"
2000
EA / TA
WSC2515
16 mm / embossed plastic
330 mm / 13"
2000
EA / TA
WSC0002, WSC4527
24 mm / embossed plastic
330 mm / 13"
1200
EA / TA
WSC6927
32 mm / embossed plastic
330 mm / 13”
725
EA / TA
IILLLL
US
TR
AT
AA
IVE
PU
RRPP
OS
EESS
O
ON
LYY
LLLL
click to get started



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com