| Zakładka z wyszukiwarką danych komponentów |
|
WSC01/2RGBA Arkusz danych(PDF) 2 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
WSC01/2RGBA Arkusz danych(HTML) 2 Page - Vishay Siliconix |
|
2 / 4 page ![]() WSC, WSN www.vishay.com Vishay Dale Revision: 24-May-2022 2 Document Number: 30102 For technical questions, contact: ww2bresistors@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Notes (1) WSC / WSN marking (www.vishay.com/doc?30327) • Packaging code: EB (lead (Pb)-free) and TB (tin / lead) are non-standard packaging codes designating 1000 piece reels. These non-standard packaging codes are identical to our standard EA (lead (Pb)-free) and TA (tin / lead), except that they have a package quantity of 1000 pieces DIMENSIONS in inches (millimeters) Notes • 3D models available: www.vishay.com/doc?30328 • Surface mount solder profile recommendations: www.vishay.com/doc?31052 • Refer to WSC, WSN conversion guide for detailed construction drawings: www.vishay.com/doc?49616 • For WSC2515 0.5 % tolerance parts, W1 terminal dimension will be 0.090" ± 0.015" TEMPERATURE RISE DERATING Note (1) As of 1/1/2010, WSC0002 will be molded with thermoplastic and have the higher 275 °C temperature derating GLOBAL PART NUMBER INFORMATION Global Part Numbering Example: WSC2515R7000FEA (visit www.vishay.net Vishay Dale parts numbering manual for all options) GLOBAL MODEL SIZE VALUE (1) TOLERANCE PACKAGING SPECIAL WSC WSN 01/2 2515 0002 4527 6927 R = decimal K = thousand R7000 = 0.70 Ω 1K500 = 1.5 k Ω D = ± 0.5 % F = ± 1.0 % G = ± 2.0 % H = ± 3.0 % J = ± 5.0 % K = ± 10 % EA = lead (Pb)-free, tape / reel EK = lead (Pb)-free, bulk TA = tin / lead, tape / reel (R86) BA = tin / lead, bulk (B43) (dash number) (up to 2 digits) from 1 to 99 as applicable GLOBAL MODEL DIMENSIONS SOLDER PAD DIMENSIONS L H T W W1 ab L WSC01/2 0.200 ± 0.020 (5.08 ± 0.508) 0.096 ± 0.015 (2.44 ± 0.381) 0.040 ± 0.010 (1.02 ± 0.254) 0.125 ± 0.005 (3.18 ± 0.127) 0.050 ± 0.010 (1.27 ± 0.254) 0.085 (2.16) 0.070 (1.78) 0.080 (2.03) WSC2515 0.250 ± 0.020 (6.35 ± 0.508) 0.110 ± 0.015 (2.79 ± 0.381) 0.045 ± 0.010 (1.14 ± 0.254) 0.150 ± 0.005 (3.81 ± 0.127) 0.098 ± 0.010 (2.49 ± 0.254) 0.090 (2.29) 0.115 (2.92) 0.120 (3.05) WSC0002 0.455 ± 0.020 (11.56 ± 0.508) 0.167 ± 0.010 (4.24 ± 0.254) 0.100 ± 0.010 (2.54 ± 0.254) 0.275 ± 0.005 (6.98 ± 0.127) 0.215 ± 0.005 (5.46 ± 0.127) 0.155 (3.94) 0.230 (5.84) 0.205 (5.21) WSC4527 0.455 ± 0.020 (11.56 ± 0.508) 0.167 ± 0.010 (4.24 ± 0.254) 0.100 ± 0.010 (2.54 ± 0.254) 0.275 ± 0.005 (6.98 ± 0.127) 0.215 ± 0.005 (5.46 ± 0.127) 0.155 (3.94) 0.230 (5.84) 0.205 (5.21) WSC6927 0.690 ± 0.032 (17.53 ± 0.813) 0.280 ± 0.015 (7.11 ± 0.381) 0.100 ± 0.010 (2.54 ± 0.254) 0.275 ± 0.005 (6.98 ± 0.127) 0.215 ± 0.015 (5.46 ± 0.381) 0.155 (3.94) 0.235 (5.97) 0.470 (11.94) W L T W 1 H L a b 0 0.5 1.0 1.5 2.0 2.5 3.0 Power in W 200 150 100 50 0 WSC2515 WSC01/2 WSC6927 WSC0002 WSC4527 - 65 - 25 25 75 125 175 225 275 Ambient Temperature in °C 120 100 80 60 40 20 0 70 WSC01/2 WSC0002 (1) WSC2515 WSC4527 WSC6927 251 5 R 7 00 0 F E A SC W |