| Zakładka z wyszukiwarką danych komponentów |
|
RTE1012-R-04 Arkusz danych(PDF) 1 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
RTE1012-R-04 Arkusz danych(HTML) 1 Page - C&K Components |
|
1 / 6 page ![]() H H–27 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ckswitches.com RT E Number of Positions RTE04 RTE10 RTE16 ESD Protection and top plate 0 Without ESD - standard plate 1 With ESD - standard plate 2 B Without ESD - black plate Actuator 0 Flush, screwdriver slot 2 Shaft for button Terminations N Thru-hole V Right angle G Surface mount R Reverse, thru-hole Switch Function 0 Single pole 1 1 BCD code 3 Gray Code (for RTE 10) 4 Hexadecimal code (for RTE 16) 7 Gray Code (for RTE16) Contact/Terminal Material 4 Gold 0.5 µm/ Lead free tin 7 Gold 1.0 µm/ Gold 1 - Single pole function not available for RTE10/RTE16 2 - ESD protection available with “N” and “R” terminations only RTE Series Low Profile Rotary DIP Switches Features/Benefits • Thru-hole & surface mount models • Miniature size with robust metal cover in black or silver nickel finish • 4, 10 & 16 positions • Large choice of codings • Vertical, right angle or reverse versions • IP54 • RoHS compliant Typical Applications • Timers, automation components • Computer and peripherals • Alarms, access control, smoke detectors, lighting, home protection • Instrumentation Specifications CONTACT RATING: Gold: 100 mA max. 10µ A min. 30 V DC max. 20 mVDC min. MECHANICAL LIFE: 20,000 indexations CONTACT RESISTANCE: 100 mΩ max. initial; 150 mΩ after life INSULATION RESISTANCE: 1010 Ω min. initial DIELECTRIC STRENGTH: 300 Vrms 1 mn OPERATING TEMPERATURE: -25°C to 85°C. STORAGE TEMPERATURE: -55°C to 85°C. PACKAGING: How To Order The Build-A Switch concept allows you to mix and match options to create the switch you need. Below is a complete listing of options shown in catalog. To order, simply select desired option from each category and place in the appropriate box. NOTE: Some of the configurations may not be available or could require some development. Materials COVER: Brass, nickel plated (black or silver) BASE: PPS ACTUATOR: LCP MOVABLE CONTACTS: Copper alloy, gold plated. STATIONARY CONTACTS: Brass, gold plated. TERMINALS: See page I-28 to I-29 O-RING: Silicone SOLDERING PROCESS: - Surface Mount Terminals: Infrared Reflow Soldering in accor- dance with IEC 61760-1. - Non Reverse Thru-Hole Terminals: Lead free single or double wave soldering process according to C&K Procedure PS-LF-001 - Reverse Thru-Hole Terminals: Manual soldering: 3 sec / 350°C. Lead free single wave soldering process can be used but validation of the process must be done by customer Quantities Terminations Actuator Tube Box (in bulk) Carrier tape Standard Package G Flush, screwdriver slot 1250 1250 (1 reel) Shaft for button 750 750 (1 reel) N All versions 65 1950 (30 tubes) V All versions 150 1500 (10 boxes) R Flush, screwdriver slot 65 1950 (30 tubes) Shaft for button 150 1500 (10 boxes) Note: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center. 19 Jan 21 |
Podobny numer części - RTE1012-R-04 |
|
Podobny opis - RTE1012-R-04 |