| Zakładka z wyszukiwarką danych komponentów |
|
ADP5589ACBZ-00-R7 Arkusz danych(PDF) 39 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5589ACBZ-00-R7 Arkusz danych(HTML) 39 Page - Analog Devices |
|
39 / 52 page ![]() Data Sheet ADP5589 Rev. B | Page 39 of 52 GPIO_DIRECTION_C Register 0x32 Table 58. GPIO_DIRECTION_C Bit Descriptions Bits Name R/W Description [7:3] Reserved. 2 GPIO_19_DIR R/W 0 = GPIO 19 is an input. 1 = GPIO 19 is an output. 1 GPIO_18_DIR R/W 0 = GPIO 18 is an input. 1 = GPIO 18 is an output. 0 GPIO_17_DIR R/W 0 = GPIO 17 is an input. 1 = GPIO 17 is an output. UNLOCK1 Register 0x33 Table 59. UNLOCK1 Bit Descriptions Bits Name R/W Description 7 UNLOCK1_STATE R/W Defines which state the first unlock event should be For key events: 0 = not applicable; releases not used for unlock. 1 = press is used as unlock event. For GPIs and logic outputs configured for FIFO updates: 0 = inactive event used as reset condition. 1 = active event used as reset condition. [6:0] UNLOCK1[6:0] R/W Defines the first event that must be detected to unlock the keypad after LOCK_EN has been set. UNLOCK2 Register 0x34 Table 60. UNLOCK2 Bit Descriptions Bits Name R/W Description 7 UNLOCK2_STATE R/W Defines which state the second unlock event should be. For key events: 0 = not applicable; releases not used for unlock. 1 = press is used as unlock event. For GPIs and logic outputs configured for FIFO updates: 0 = inactive event used as reset condition. 1 = active event used as reset condition. [6:0] UNLOCK2[6:0] R/W Defines the second event that must be detected to unlock the keypad after LOCK_EN has been set. EXT_LOCK_EVENT Register 0x35 Table 61. EXT_LOCK_EVENT Bit Descriptions Bits Name R/W Description 7 EXT_LOCK_STATE R/W Defines which state the lock event should be. For key events: 0 = not applicable; releases not used for unlock. 1 = press is used as unlock event. For GPIs and logic outputs configured for FIFO updates: 0 = inactive event used as reset condition. 1 = active event used as reset condition. [6:0] EXT_LOCK_EVENT[6:0] R/W Defines an event that can lock the keypad. When this event is detected, LOCK_INT is set. |