| Zakładka z wyszukiwarką danych komponentów |
|
BAV20WS-TP Arkusz danych(PDF) 24 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
BAV20WS-TP Arkusz danych(HTML) 24 Page - Infineon Technologies AG |
|
24 / 47 page ![]() User Manual 24 of 47 Revision 1.4 2020-07-16 EVAL-M3-IM564 User Manual iMOTION™ Modular Application Design Kit Hardware description of EVAL-M3-IM564 The calculation formula is as follows, × × + + =3.3× + Where, =3.3× + × + − × =22 If a larger PFC current-protection setting value is needed, please reconfigure the adapting comparator threshold divider resistor R5/R7 or R4/R8. 4.2 Inverter section using CIPOS™ Mini IPM The inverter section is also implemented using the CIPOS™ Mini IPM as sketched in Figure 18. The inverter section of the IPM module includes an optimized SOI gate driver and a three-phase inverter consisting of TRENCHSTOP™ IGBTs and anti-parallel diodes. The three pairs of capacitors C14 and C15, C16 and C17, C22 and C23 are used as bootstrap capacitors to provide the necessary floating supply voltages VBS1, VBS2 and VBS3, respectively. Figure 18 Schematic of the 3-phase inverter section using CIPOS™ Mini IPM on EVAL-M3-IM564 |