| Zakładka z wyszukiwarką danych komponentów |
|
SMT-2817-R010-5W Arkusz danych(PDF) 13 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
SMT-2817-R010-5W Arkusz danych(HTML) 13 Page - Infineon Technologies AG |
|
13 / 47 page ![]() User Manual 13 of 47 Revision 1.4 2020-07-16 EVAL-M3-IM564 User Manual iMOTION™ Modular Application Design Kit Getting started with EVAL-M3-IM564 3 Getting started with EVAL-M3-IM564 In order to run the motor system, a combination of the iMOTION™ MADK power board (EVAL-M3-IM564) and the matching MADK control board is required. The iMOTION™ software tools, MCEDesigner and MCEWizard, are also required in order to initially set up the system, as well as to control and fine-tune the system performance to match users’ exact needs. This chapter provides more details on setting up the system and getting started with the iMOTION™ MADK development platform. Note: If you are using an EVAL-M3-102T control board, please make the following changes to better match EVAL-M3-IM564 for OPA’s gain and PFC OCP level. 1. Delete R6 and R10 of EVAL-M3-102T 2. R13 of EVAL-M3-102T from 2 kohm change to 0 ohm 3. R25 of EVAL-M3-102T from 1 kohm change to 0 ohm 4. R8 of EVAL-M3-102T from 24 kohm change to 470 ohm R9 of EVAL-M3-102T from 470 ohm change to 1.65 kohm for PFCTRIPREF 3.1 Setting up the system After downloading and installing the iMOTION™ PC tools (MCEWizard and MCEDesigner), the following steps need to be taken in order to run the motor. Refer to user manual for iMOTION™ MADK control board such as (EVAL-M3-102T), MCEWizard and MCEDesigner documentation for more information. Figure 4 shows the system connection using EVAL-M3-IM564 and control board (used control board EVAL-M3- 102T for example). Figure 4 System connection example using EVAL-M3-IM564 PC-USB Connector AC Power Input Motor Phase Outputs PFC Inductor |