Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

APCL86P06 Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części APCL86P06
Szczegółowy opis  86P CLAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

APCL86P06 Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  APCL86P06 Datasheet HTML 1Page - List of Unclassifed Manufacturers APCL86P06 Datasheet HTML 2Page - List of Unclassifed Manufacturers APCL86P06 Datasheet HTML 3Page - List of Unclassifed Manufacturers APCL86P06 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
86P CLAMP
Overview
Engineered for lean manufacturing, the 86P Clamp was developed as a one-for-one replacement to outperform indus-
try standard metal clamps (i.e. AS21919). Featuring key value-add design elements, including: separate locking and
mounting locations, a bottom hinge for easy wire bundle installation, and a non-conductive, non-corrosive, PEEK poly-
mer construction, the 86P Clamp is a versatile solution for anyone looking to reduce weight and installation time.
Contact
system_attachments@amphenolpcd.com
Lightweight
Reduce weight & installation time all while meeting or
exceeding Mil-Spec & RTCA DO-160G requirements.
Avg. 41% lighter vs AS21919 Stainless Steel and
8% lighter vs AS21919 Aluminum.
Non-Conductive & Non-Corrosive
Enjoy peace of mind throughout the service life know-
ing the 86P Clamp won’t corrode or cause a short in
your wire bundle.
Ergonomic Design
Reduce the risk of injury, frustration, and foreign ob-
jects and debris (F.O.D) present when fighting metal
clamps and dropping screws during install. The 86P
Clamp makes installation quick, easy, and repeatable
for more efficient installations.
Installation and Re-work Time Savings
Pre-mountable design with tool-less opening & closure.
Overmolded Silicone Cushion
Increased shock & vibe performance. Also allows for
more wire bundles ranges resulting in less part num-
bers compared to AS21929.
Part Number
Wire Bundle Ø
(in)
ØD
(in)
B
(in)
E
(in)
H
(in)
J
(in)
W
(in)
APCL86P02
.125 - .188
0.094
0.130
0.498
0.671
1.059
0.450
APCL86P03
.188 - .250
0.156
APCL86P04
.250 - .313
0.219
0.529
0.730
1.104
APCL86P05
.313 - .375
0.281
0.150
0.560
0.809
1.134
APCL86P06
.375 - .438
0.344
0.592
0.868
1.178
APCL86P07
.438 - .500
0.406
0.623
0.925
1.221
0.500
APCL86P08
.500 - .563
0.469
0.190
0.654
0.990
1.322
APCL86P09
.563 - .625
0.531
0.752
1.047
1.432
APCL86P10
.625 - .750
0.594
0.230
0.783
1.271
1.589
APCL86P12
.750 - .875
0.719
0.845
1.405
1.670
APCL86P14
.875 - 1.000
0.844
0.260
0.908
1.524
1.795
APCL86P16
1.000 - 1.125
0.969
0.970
1.640
1.920
APCL86P18
1.125 - 1.250
1.094
0.330
1.062
1.783
2.084
APCL86P20
1.250 - 1.375
1.219
1.124
1.898
2.209
APCL86P22
1.375 - 1.500
1.344
0.370
1.187
2.019
2.334
APCL86P24
1.500 - 1.625
1.469
1.249
2.134
2.459



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com