Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

APCL86P07 Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części APCL86P07
Szczegółowy opis  86P CLAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

APCL86P07 Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  APCL86P07 Datasheet HTML 1Page - List of Unclassifed Manufacturers APCL86P07 Datasheet HTML 2Page - List of Unclassifed Manufacturers APCL86P07 Datasheet HTML 3Page - List of Unclassifed Manufacturers APCL86P07 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
86P CLAMP
Contact
system_attachments@amphenolpcd.com
Weight Savings
Diagram
Size Visibility
Mounting Hole: Pre-Mountable Design
U-snap Latch: Tool-less
Opening & Closure
Glass Filled PEEK
Bottom Hinge
Overmold Silicone
AS21919 Size
Comparison
Part Number
APCL86P CLAMP
Weight
(g)
Savings vs. AS21919, AL
Savings vs. AS21919, CRES
02
APCL86P02
2.68
7%
- 26%
03
APCL86P03
2.60
-4%
- 43%
04
APCL86P04
2.86
-1%
- 43%
05
APCL86P05
3.39
-2%
- 39%
06
APCL86P06
3.67
-8%
- 42%
07
APCL86P07
3.94
-10%
- 46%
08
APCL86P08
5.05
5%
- 38%
09
APCL86P09
5.47
-10%
- 45%
10
APCL86P10
7.64
3%
- 38%
11
- 9%
- 42%
12
APCL86P12
8.80
- 5%
- 37%
13
- 12%
- 41%
14
APCL86P14
9.95
- 8%
- 37%
15
- 14%
- 41%
16
APCL86P16
10.79
- 12%
-3 9%
17
- 19%
- 45%
18
APCL86P18
13.07
- 9%
- 37%
19
- 15%
- 41%
20
APCL86P20
14.01
- 15%
- 41%
21
- 16%
- 44%
22
APCL86P22
15.41
- 10%
- 41%
23
- 12%
- 44%
24
APCL86P24
16.36
- 9%
- 43%
25
- 11%
-4 4%



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com