Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

INBACMBM1000000 Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części INBACMBM1000000
Szczegółowy opis  Modbus to BACnet gateway
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

INBACMBM1000000 Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  INBACMBM1000000 Datasheet HTML 1Page - List of Unclassifed Manufacturers INBACMBM1000000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Industrial networking made easy!
www.anybus.com
Anybus® is a registered trademark of HMS Industrial Networks AB, Sweden, USA, Germany and other countries. Other marks and words belong to their respective companies. All other
product or service names mentioned in this document are trademarks of their respective companies.
Part No: MMA210 Version 2 09/2018 - © HMS Industrial Networks - All rights reserved - HMS reserves the right to make modifications without prior notice.
Technical Details
Dimensions (L•W•H) 90•88•56 mm
PROTECTION CLASS IP20
Enclosure material Plastic, Type PC (UL 94 V-0)
Mounting DIN rail (35 mm)
PORT A 1 x Serial EIA485 (Plug-in screw terminal block 2 poles)
1 x SGND (Plug-in screw terminal block 2 poles)
1500VDC isolation from others ports
Port B 1 x Serial EIA232 (SUB-D9 male connector)
Pinout from a DTE device
1500VDC isolation from other ports
(except PORT B: EIA485)
1 x Serial EIA485 (Plug-in screw terminal block 3 poles)
(Reference ground or shield)
1500VDC isolation from other ports
(except PORT B: EIA232)
Ethernet port 1 x Ethernet 10/100 Mbps RJ45
2 x Ethernet LED: port link and activity
Console port Mini-USB to connect a PC (to run the Anybus Configuration Manager).
It is also possible to connect via the Ethernet port.
USB port For datalogging on an external USB stick
Certifications
CE and RoHS compliant
Electrical Characteristics
Power 1 x Plug-in screw terminal block (3 poles) 9 to 36VDC +/-10%, Max.: 140mA.
24VAC +/-10% 50-60Hz, Max.: 127mA. Recommended: 24VDC
Environmental Characteristics
Operating temp 0 to 60 ºC, 32 to 140 ºF
Storage temp -40 to 85 ºC, -40 to 185 ºF
Relative Humidity 5-95 % non-condensing
TECHNICAL SPECIFICATIONS
Communication
Ethernet
EIA-485 Port A
EIA-485 Port B
Compliance
IEEE 802.3
Modbus V1.02
Bacnet Rev 12
Protocols supported
Modbus TCP BACnet/IP
Modbus RTU
BACnet MS/TP
Data rate
10 Mbps, 100 Mbps
2.4, 4.8, 9.6, 19.2,38.4,
57.6, 115.2kbps
Auto, 9.6, 19.2, 38.4, 57.6,
76.8, 115.2kbps
Physical layer
10BASE-T, 100BASE-TX
EIA-485, 3-wire isolated
EIA-485, 3-wire isolated
Cable length (max)
100 m
1200 m (1000 at 115.2kbps) 1200 m (1000 at 115.2kbps)
Port connector
Shielded RJ-45
2-pin + 2-pin removable
terminal
3-pin removable terminal
LEDs
L(Link) D(Duplex)
Green = 100 Mbps Green =
Full-duplex
Yellow = 10 Mbps Off =
Half-duplex
Flash = Activity Flash =
Collision
Tx Rx
Tx Rx
Configuration is made in the accompanying Anybus Configuration Manager (MAPS).
HMS Industrial Networks – worldwide
HMS - Sweden (HQ)
Tel: +46 35 17 29 00 (Halmstad HQ)
E-mail: sales@hms-networks.com
HMS - China
Tel: +86 010 8532 3183
E-mail: cn-sales@hms-networks.com
HMS - France
Tel: +33 (0)3 67 88 02 50 (Mulhouse office)
E-mail: fr-sales@hms-networks.com
HMS - Finland
Tel: +358 404 557 381
E-mail: sales@hms-networks.com
HMS - Germany
Tel: +49 721 989777-000
E-mail: ge-sales@hms-networks.com
HMS - India
Tel: +91 83800 66578
E-mail: in-sales@hms-networks.com
HMS - Italy
Tel : +39 039 59662 27
E-mail: it-sales@hms-networks.com
HMS - Japan
Tel: +81 45 478 5340
E-mail: jp-sales@hms-networks.com
HMS - Singapore
Tel: +65 9088 6335
E-mail: ea-sales@hms-networks.com
HMS - Switzerland
Tel: +41 61 511342-0
E-mail: ch-sales@hms-networks.com
HMS - UK
Tel: +44 1926 405599
E-mail: uk-sales@hms-networks.com
HMS - United States
Tel: +1 312 829 0601
E-mail: us-sales@hms-networks.com



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com